Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 10Page - SMSC Corporation USB2602 Datasheet HTML 11Page - SMSC Corporation USB2602 Datasheet HTML 12Page - SMSC Corporation USB2602 Datasheet HTML 13Page - SMSC Corporation USB2602 Datasheet HTML 14Page - SMSC Corporation USB2602 Datasheet HTML 15Page - SMSC Corporation USB2602 Datasheet HTML 16Page - SMSC Corporation USB2602 Datasheet HTML 17Page - SMSC Corporation USB2602 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
Revision 1.3 (05-25-05)
14
SMSC USB2601/USB2602
DATASHEET
Chapter 6 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “n” or “_N”symbol in the signal name indicates that the active, or asserted state occurs when the
signal is at a low voltage level. When “n” is not present before the signal name (or “_N” after the signal
name), the signal is asserted when at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signal. The term assert, or assertion indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation indicates that a signal is inactive.
6.1
PIN Descriptions
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
UPSTREAM USB INTERFACE
USB Bus Data
USBUP_DM
USBUP_DP
IO-U
These pins connect to the Upstream USB bus data
signals.
Detect Upstream
VBUS Power
VBUS_DET
I/O12
Detects state of Upstream VBUS power. The SMSC
Hub monitors VBUS_DET to determine when to assert
the internal D+ pull-up resistor (signalling a connect
event).
When designing a detachable hub, this pin must be
connected to the VBUS power pin of the USB port that
is upstream of the hub.
For self-powered applications with a permanently
attached host, this pin must be pulled-up to either 3.3V
or 5.0V (typically VDD33).
3-PORT USB INTERFACE
USB Bus Data
USBDN_DM
[4:2}
USBDN_DP
[4:2}
IO-U
These pins connect to the Downstream USB bus data
signals.
USB Power Enable
PRTPWR[4:2]
I/O12
Enables power to USB peripheral devices
(downstream).
The active signal level of the PRTPWR[4:2] pins is
determined by the Power Polarity Strapping function of
the PRTPWR_POL pin.
Port Power Polarity
Strapping
PRTPWR_POL
I/O12
Port Power Polarity strapping determination for the
active signal polarity of the PRTPWR[4:2] pins.
While RESET_N is asserted, the logic state of this pin
will (though the use of internal combinatorial logic)
determine the active state of the PRTPWR[4:2] pins in
order to ensure that downstream port power is not
inadvertently enabled to inactive ports during a
hardware reset.
‘1’ = PRTPWR[4:2] pins have an active ‘high’ polarity
‘0’ = PRTPWR[4:2] pins have an active ‘low’ polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com