Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 13Page - SMSC Corporation USB2602 Datasheet HTML 14Page - SMSC Corporation USB2602 Datasheet HTML 15Page - SMSC Corporation USB2602 Datasheet HTML 16Page - SMSC Corporation USB2602 Datasheet HTML 17Page - SMSC Corporation USB2602 Datasheet HTML 18Page - SMSC Corporation USB2602 Datasheet HTML 19Page - SMSC Corporation USB2602 Datasheet HTML 20Page - SMSC Corporation USB2602 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
SMSC USB2601/USB2602
17
Revision 1.3 (05-25-05)
DATASHEET
SM
Chip Enable
SM_nCE
O8PU
This pin is the active low chip enable signal to the SM
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET.
08
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external pull-
ups must be used, and should be connected to the
applicable Card Power Supply).
SM
Card Detection
SM_nCD
IPU
This is the card detection signal from SM device to
indicate if the device is inserted.
This pin has an internally controlled weak pull-up
resistor.
MEMORY STICK INTERFACE
MS
Bus State
MS_BS
O8
This pin is connected to the BS pin of the MS device.
It is used to control the Bus States 0, 1, 2 and 3 (BS0,
BS1, BS2 and BS3) of the MS device.
MS
System
Data In/Out
MS_SDIO/MS_
D0
I/O8PD
This pin is a bi-directional data signal for the MS device.
Most significant bit (MSB) of each byte is transmitted
first by either MSC or MS device.
The bi-directional data signal has an internal weak pull-
down resistor.
MS
System Data In/Out
MS_D1
I/O8PD
This pin is a bi-directional data signal for the MS device.
This pin has internally controlled weak pull-up and pull-
down resistors for various operational modes.
MS
System
Data In/Out
MS_D[3:2]
I/O8PD
This pin is a bi-directional data signal for the MS device.
The bi-directional data signal has an internal weak pull-
down resistor.
MS
Card Insertion
MS_INS
IPU
This pin is the card detection signal from the MS device
to indicate, if the device is inserted.
This pin has an internally controlled weak pull-up
resistor.
MS
System CLK
MS_SCLK
O8
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
SD INTERFACE
SD
Data3-0
SD_DAT[3:0]
I/O8PU
These are bi-directional data signals.
These pins have internally controlled weak pull-up
resistors.
SD Clock
SD_CLK
O8
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com