Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 14Page - SMSC Corporation USB2602 Datasheet HTML 15Page - SMSC Corporation USB2602 Datasheet HTML 16Page - SMSC Corporation USB2602 Datasheet HTML 17Page - SMSC Corporation USB2602 Datasheet HTML 18Page - SMSC Corporation USB2602 Datasheet HTML 19Page - SMSC Corporation USB2602 Datasheet HTML 20Page - SMSC Corporation USB2602 Datasheet HTML 21Page - SMSC Corporation USB2602 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
Revision 1.3 (05-25-05)
18
SMSC USB2601/USB2602
DATASHEET
SD Command
SD_CMD
I/O8PU
This is a bi-directional signal that connects to the CMD
signal of SD/MMC device.
This pin has an internally controlled weak pull-up
resistor.
SD
Write Protected
SD_nWP
IPD
This pin is an input signal with an internal weak pull-
down.
This pin has an internally controlled weak pull-down
resistor.
MISC
General Purpose
I/O
GPIO1
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
GPIO2
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
GPIO4
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
GPIO5
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
GPIO6
GPIO6
IPU
This pin has an internal weak pull-up resistor that is
enabled or disabled by the state of RESET_N.
The pull-up is enabled when RESET_N is active.
The pull-up is disabled, when the RESET_N is inactive
(some clock cycles later, after the rising edge of
RESET_N).
The state of this pin is latched internally on the rising
edge of RESET_N to determine if internal or external
program memory is used.
The state latched is stored in ROMEN bit of GPIO_IN1
register.
I/O8
After the rising edge of RESET_N, this pin may be used
as GPIO6.
When this pin is left unconnected or pulled high by a
weak pull-up resistor, the USB2601/USB2602 uses the
internal ROM for program execution.
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
GPIO7
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
Or
Card Power
GPIO8/
CRD_PWR0
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose
I/O
GPIO9
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
Or
Card Power
GPIO10/
CRD_PWR1
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com