Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB2602
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2602 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB2602 Datasheet HTML 18Page - SMSC Corporation USB2602 Datasheet HTML 19Page - SMSC Corporation USB2602 Datasheet HTML 20Page - SMSC Corporation USB2602 Datasheet HTML 21Page - SMSC Corporation USB2602 Datasheet HTML 22Page - SMSC Corporation USB2602 Datasheet HTML 23Page - SMSC Corporation USB2602 Datasheet HTML 24Page - SMSC Corporation USB2602 Datasheet HTML 25Page - SMSC Corporation USB2602 Datasheet HTML 26Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
SMSC USB2601/USB2602
23
Revision 1.3 (05-25-05)
DATASHEET
IO-U
(Note 7.4)
Integrated Power FET for
GPIO8 & GPIO10
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
100
140
2.1
800
mA
mA
Ω
µs
GPIO8, or 10;
VdropFET = 0.23V
GPIO8, or 10;
VoutFET = 0V
GPIO8, or 10;
IFET = 70mA
GPIO8, or 10;
CLOAD = 10µF
Integrated Power FET for
GPIO11
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
200
181
2.1
800
mA
mA
Ω
µs
GPIO11;
VdropFET = 0.46V
GPIO11;
VoutFET = 0V
GPIO11;
IFET = 70mA
GPIO11;
CLOAD = 10µF
Supply Current Hub, Card
Reader, Unconfigured
High-Speed Host
Full-Speed Host
ICCINIT
ICCINIT
tbd
tbd
mA
mA
Supply Current
Configured
(High-Speed Host)
3 Ext Ports @HS
Card Reader Active
tbd
mA
Total from all
supplies
Supply Current
Configured
(High-Speed Host)
1 Ext Port @HS
Card Reader Active
tbd
mA
Total from all
supplies
Supply Current
Configured
(Full-Speed Host)
1 Ext Port @ FS/LS
Card Reader Active
tbd
mA
Total from all
supplies
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com