Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 7Page - ASIX Electronics Corporation AX88655P Datasheet HTML 8Page - ASIX Electronics Corporation AX88655P Datasheet HTML 9Page - ASIX Electronics Corporation AX88655P Datasheet HTML 10Page - ASIX Electronics Corporation AX88655P Datasheet HTML 11Page - ASIX Electronics Corporation AX88655P Datasheet HTML 12Page - ASIX Electronics Corporation AX88655P Datasheet HTML 13Page - ASIX Electronics Corporation AX88655P Datasheet HTML 14Page - ASIX Electronics Corporation AX88655P Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ASIX ELECTRONICS CORPORATION
11
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
NC
N/A
8, 9, 41, 15, 16,
17, 21, 23, 24,
25, 26, 27, 28,
29, 30, 31, 32,
43, 167, 172,
173, 174, 175,
183, 184, 189,
190, 191, 192,
196, 198, 199,
200, 201, 202,
203, 204, 205,
206, 207, 210,
211, 216, 217,
218, 219, 223,
225, 226, 227,
228, 229, 230,
231, 232, 233,
234
NC: No Connect.
VDD33
I
34, 171,
3.3V +/-5% Supply Voltage.
VDD25
P
7, 22,
58, 70, 85,
97, 112, 124,
139, 151, 162,
182, 197, 209,
224, 236, 251
2.5V +/-5% Supply Voltage.
VSS
P
6, 10, 11, 12,
13, 18, 19, 20,
33, 56, 69,
83,96, 110,
123, 137, 150,
157, 159, 160,
167, 169, 181,
185, 186, 187,
188, 193, 194,
195, 208, 212,
213, 214, 215,
220, 221, 222,
235, 249
Ground
AVBB25
P
37
Ground for PLL
AVDD25A
P
38
2.5V +/-5% Supply Voltage for PLL.
AVSS25A
P
39
Ground for PLL
AVDD25D
P
42
2.5V +/-5% Supply Voltage for PLL.
AVSS25D
P
41
Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com