Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 17Page - ASIX Electronics Corporation AX88655P Datasheet HTML 18Page - ASIX Electronics Corporation AX88655P Datasheet HTML 19Page - ASIX Electronics Corporation AX88655P Datasheet HTML 20Page - ASIX Electronics Corporation AX88655P Datasheet HTML 21Page - ASIX Electronics Corporation AX88655P Datasheet HTML 22Page - ASIX Electronics Corporation AX88655P Datasheet HTML 23Page - ASIX Electronics Corporation AX88655P Datasheet HTML 24Page - ASIX Electronics Corporation AX88655P Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ASIX ELECTRONICS CORPORATION
21
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
5.4.3 GMII Transmit/Receive Signals Timing
T0
T1
GTX_CLK
T2
T3
TX_EN
TXD[7:0]
Symbol
Description
Min
Typ.
Max
Units
T0
GTX_CLK Clock Cycle Time
7.998
8
8.002
ns
T1
GTX_CLK Clock High Time
4
ns
T2
TX_EN and TXD data setup to GTX_CLK rising edge
2.5
ns
T3
TX_EN and TXD data hold from GTX_CLK rising edge
0.5
ns
T4
T5
RX_CLK
T6
T7
RX_DV
RXD[7:0]
Symbol
Description
Min
Typ.
Max
Units
T4
RX_CLK Clock Cycle Time
7.998
8
8.002
ns
T5
RX_CLK Clock High Time
4
ns
T6
RX_DV and RXD data setup to RX_CLK rising edge
2.5
ns
T7
RX_DV and RXD data hold from RX_CLK rising edge
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com