Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 29Page - ASIX Electronics Corporation AX88655P Datasheet HTML 30Page - ASIX Electronics Corporation AX88655P Datasheet HTML 31Page - ASIX Electronics Corporation AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation AX88655P Datasheet HTML 36Page - ASIX Electronics Corporation AX88655P Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ASIX ELECTRONICS CORPORATION
33
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
GPHY2.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch --- Port 2 G'PHY CKT.
C
4
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD_O
GND
VDD_C
GND
GND
VDD_O
TX_EN
GND
VDD_O
GND
VDD_C
GND
MDIA_P
GND
MDID_P
GND
GND
GND
GND
VDD_C
MDID_N
VDD_C
GND
GND
VDD_C
MDIC_P
VDD_C
MDIB_P
GND
GND
GND
MDIC_N
VDD_C
MDIB_N
MDIA_N
GND
GND
GND
25M_IN
RESET#
GTX_CLK
VDD_O
MDIO
VDD_O
VDD_C
GTX_CLK
TX_EN
MDIO
MDC
RESET#
25M_IN
VDD25
VDD18
GND
TXD[0..7]
CRS
COL
RX_CLK
RX_DV
TX_CLK
RXD[0..7]
MDID_P
MDID_N
RX_VDD25
MDIC_N
MDIC_P
RX_VDD25
RX_VDD25
MDIA_N
MDIA_P
RX_VDD25
MDIB_N
MDIB_P
PHYADD2
PHYADD3
DUPLEX
VDD_O
PHYADD0
PHYADD1
PHYADD4
AN_EN
SPEED1
SPEED
SPEED1
SPEED
VDD_O
PHYADD0
AN_EN
DUPLEX
VDD_O
GND
RXD[0..7]
RXD1
RXD5
RXD4
RXD3
RXD6
RXD7
RXD2
RXD0
TXD[0..7]
COL
RX_DV
TX_CLK
RX_CLK
GND
VDD_C
RX_VDD25
GND
VDD25
VDD18
VDD_O
GND
MDC
CRS
MDI_D+
MDI_C-
MDI_C+
MDI_A+
MDI_A-
MDI_B-
MDI_B+
MDI_D-
MDI_A-
MDI_B+
MDI_D-
MDI_B-
MDI_D+
MDI_C-
MDI_C+
MDI_A+
GND
VDD_O
VDD_O
D12
LED
C148
1000pF
R113
49.9
C162
0.1uF
C166
0.1uF
R91
4.7k
C178
0.1uF
R87
4.7k
C127
0.1uF
R111
75
C163
0.1uF
D15
LED
C181
0.1uF
R119
49.9
C126
0.1uF
L8
F.B.
R124
1.5K
C157
0.1uF
JACK3
RJ45_A
2
4
6
1
3
5
7
8
11
12
C169
1000pF
R125
1.5K
C155
0.1uF
C180
0.1uF
C149
0.1uF
+
C164
100uF/16V
R96
1k
D11
LED
C177
0.1uF
R118
49.9
C182
0.1uF
C125
0.1uF
R117
4.7K
C152
0.1uF
+
C140
100uF/16V
R86
4.7k
TF3
24HST1041
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MCT1
MX1+
MX1-
MCT2
MX2+
MX2-
MCT3
MX3+
MX3-
MCT4
MX4+
MX4-
TCT1
TD1+
TD1-
TCT2
TD2+
TD2-
TCT3
TD3+
TD3-
TCT4
TD4+
TD4-
R105
10
C150
1000pF
C141
0.1uF
C147
0.1uF
R100
1k
C151
0.1uF
C129
0.1uF
U3
DP83865AVH
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
COL
CRS
RX_ER
IO_VDD
VSS
RX_DV
RXD7
RXD6
RXD5
CORD_VDD
VSS
RXD4
RXD3
RXD2
IO_VDD
VSS
RXD1
RXD0
RX_CLK
IO_VDD
VSS
TX_CLK
TX_ER
TX_EN
CORD_VDD
VSS
RX_VDD
VSS
RX_VDD
VSS
VSS
MDIA_P
MDIA_N
VSS
RX_VDD
VSS
VSS
MDIB_P
MDIB_N
VSS
RX_VDD
VSS
VSS
MDIC_P
MDIC_N
VSS
RX_VDD
VSS
VSS
MDID_P
MDID_N
VSS
R88
4.7k
C136
0.1uF
R126
4.7K
C156
0.1uF
C173
0.1uF
R114
49.9
C176
0.1uF
C183
0.1uF
R106
49.9
R95
1k
R90
4.7k
C174
0.1uF
C132
0.01uF/2KV
C161
0.1uF
R109
10
C170
0.1uF
C168
0.1uF
C160
0.1uF
R104
0
R120
9.76K
C179
0.1uF
R98
1k
R99
1k
C159
0.1uF
C175
0.1uF
C137
1000pF
R92
4.7k
R116
10
C144
0.1uF
R85
4.7k
R123
22
D13
LED
R102
49.9
L7
F.B.
C154
0.1uF
C158
0.1uF
D14
LED
C133
0.1uF
C171
0.1uF
R103
4.7K
R101
49.9
+
C165
100uF/16V
R93
4.7k
R110
75
+
C146
100uF/16V
C142
1000pF
C153
0.1uF
C128
0.1uF
C172
0.1uF
C131
0.1uF
+
C138
22uF
R89
4.7k
R107
49.9
R115
75
C124
0.1uF
R122
0
C130
0.1uF
C123
0.1uF
+
C145
100uF/16V
C143
0.1uF
R108
75
L9
F.B.
R112
10
C135
0.1uF
C134
0.1uF
C167
1000pF
R97
2K
R121
4.7K
C139
0.1uF
R94
4.7K
GTX_CLK
TXD[0..7]
TX_EN
MDIO
MDC
PHY_RST#
25MHZ
VDD25
VDD18
GND
RX_DV
CRS
TX_CLK
RX_CLK
RXD[0..7]
COL
OPTION
Activity LED
Link
10 LED
Link
100 LED
Link 1000 LED
DUPLEX LED
PHY ID : 01001
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com