Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 28Page - ASIX Electronics Corporation AX88655P Datasheet HTML 29Page - ASIX Electronics Corporation AX88655P Datasheet HTML 30Page - ASIX Electronics Corporation AX88655P Datasheet HTML 31Page - ASIX Electronics Corporation AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation AX88655P Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ASIX ELECTRONICS CORPORATION
32
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
GPHY1.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch --- Port 1 G'PHY CKT.
C
3
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD_O
GND
VDD_C
GND
GND
VDD_O
TX_EN
GND
VDD_O
GND
VDD_C
GND
MDIA_P
GND
MDID_P
GND
GND
GND
GND
VDD_C
MDID_N
VDD_C
GND
GND
VDD_C
MDIC_P
VDD_C
MDIB_P
GND
GND
GND
MDIC_N
VDD_C
MDIB_N
MDIA_N
GND
GND
GND
25M_IN
GTX_CLK
VDD_O
MDIO
VDD_O
VDD_C
GTX_CLK
TX_EN
MDIO
MDC
RESET#
25M_IN
VDD25
VDD18
TXD[0..7]
CRS
COL
RX_CLK
RX_DV
TX_CLK
RXD[0..7]
MDID_P
MDID_N
MDIC_N
MDIC_P
MDIA_N
MDIA_P
MDIB_N
MDIB_P
PHYADD2
PHYADD3
DUPLEX
PHYADD0
PHYADD1
PHYADD4
AN_EN
SPEED1
SPEED
SPEED1
SPEED
PHYADD0
AN_EN
DUPLEX
GND
RXD[0..7]
RXD1
RXD5
RXD4
RXD3
RXD6
RXD7
RXD2
RXD0
TXD[0..7]
COL
CRS
TX_CLK
RX_CLK
GND
RX_VDD25
VDD25
VDD18
RESET#
MDC
GND
GND
GND
VDD_O
RX_VDD25
GND
VDD_C
MDI_D+
MDI_C-
MDI_C+
MDI_A+
MDI_A-
MDI_B-
MDI_B+
MDI_D-
MDI_A-
MDI_B+
MDI_D-
MDI_B-
MDI_D+
MDI_C-
MDI_C+
MDI_A+
RX_DV
RX_VDD25
RX_VDD25
VDD_O
VDD_O
RX_VDD25
VDD_O
VDD_O
VDD_O
R83
1.5K
C101
0.1uF
R71
49.9
C105
0.1uF
D7
LED
C117
0.1uF
R45
4.7k
C66
0.1uF
C87
1000pF
R49
4.7k
D10
LED
C102
0.1uF
C120
0.1uF
R77
49.9
L5
F.B.
R82
1.5K
R69
75
C96
0.1uF
JACK2
RJ45_A
2
4
6
1
3
5
7
8
11
12
C108
1000pF
C94
0.1uF
C62
0.1uF
R54
1k
C119
0.1uF
C88
0.1uF
C116
0.1uF
R76
49.9
C121
0.1uF
+ C103
100uF/16V
C91
0.1uF
+ C79
100uF/16V
D6
LED
C89
1000pF
C64
0.1uF
R75
4.7K
C90
0.1uF
R44
4.7k
TF2
24HST1041
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MCT1
MX1+
MX1-
MCT2
MX2+
MX2-
MCT3
MX3+
MX3-
MCT4
MX4+
MX4-
TCT1
TD1+
TD1-
TCT2
TD2+
TD2-
TCT3
TD3+
TD3-
TCT4
TD4+
TD4-
R63
10
C75
0.1uF
C80
0.1uF
C86
0.1uF
R58
1k
C95
0.1uF
C112
0.1uF
U2
DP83865AVH
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
COL
CRS
RX_ER
IO_VDD
VSS
RX_DV
RXD7
RXD6
RXD5
CORD_VDD
VSS
RXD4
RXD3
RXD2
IO_VDD
VSS
RXD1
RXD0
RX_CLK
IO_VDD
VSS
TX_CLK
TX_ER
TX_EN
CORD_VDD
VSS
RX_VDD
VSS
RX_VDD
VSS
VSS
MDIA_P
MDIA_N
VSS
RX_VDD
VSS
VSS
MDIB_P
MDIB_N
VSS
RX_VDD
VSS
VSS
MDIC_P
MDIC_N
VSS
RX_VDD
VSS
VSS
MDID_P
MDID_N
VSS
R46
4.7k
R64
49.9
R53
1k
R72
49.9
R84
4.7K
C100
0.1uF
C115
0.1uF
C72
0.1uF
C122
0.1uF
C99
0.1uF
R48
4.7k
C113
0.1uF
C71
0.01uF/2KV
R56
1k
R67
10
C109
0.1uF
C107
0.1uF
C114
0.1uF
C76
1000pF
R78
9.76K
C118
0.1uF
C83
0.1uF
R43
4.7k
R57
1k
C98
0.1uF
R81
22
L4
F.B.
R50
4.7k
R74
10
D9
LED
C68
0.1uF
D8
LED
R60
49.9
R59
49.9
+ C104
100uF/16V
C93
0.1uF
C97
0.1uF
R61
4.7K
+ C85
100uF/16V
C81
1000pF
C110
0.1uF
C111
0.1uF
C70
0.1uF
R51
4.7k
R68
75
C92
0.1uF
R62
0
C67
0.1uF
+ C77
22uF
R47
4.7k
R65
49.9
R73
75
R52
4.7K
C69
0.1uF
C63
0.1uF
R80
0
+ C84
100uF/16V
C82
0.1uF
R66
75
L6
F.B.
C106
1000pF
C65
0.1uF
C74
0.1uF
C73
0.1uF
R55
2K
R79
4.7K
C78
0.1uF
R70
10
GTX_CLK
TXD[0..7]
TX_EN
MDIO
MDC
PHY_RST#
25MHZ
VDD25
VDD18
GND
RX_DV
CRS
TX_CLK
RX_CLK
RXD[0..7]
COL
OPTION
Activity LED
Link
10 LED
Link
100 LED
Link 1000 LED
DUPLEX LED
PHY ID : 01000
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com