Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation AX88655P Datasheet HTML 36Page - ASIX Electronics Corporation AX88655P Datasheet HTML 37Page - ASIX Electronics Corporation AX88655P Datasheet HTML 38Page - ASIX Electronics Corporation AX88655P Datasheet HTML 39Page - ASIX Electronics Corporation AX88655P Datasheet HTML 40Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ASIX ELECTRONICS CORPORATION
39
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
ROM_CKT.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch ---Serial EEPROM CKT.
B
10
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD33
VDD33
PD2
GND
SDIO
PD0
RST_CTL#
RST_CTL#
VDD33
GND
SDIO
SDC
BUSY
SDIO
GND
STROB#
INIT#
PD2
PD0
RST_CTL#
BUSY
VDD33
INIT#
RST_CTL#
STROB#
GND
VDD33
SDIO
RST_CTL#
SDC
SDC
R283
100
U20
74HC125
14
3
6
8
11
2
5
9
12
1
4
10
13
VCC
1Y
2Y
3Y
4Y
1A
2A
3A
4A
1OE
2OE
3OE
4OE
R276
4.7K
R275
4.7K
R270
4.7K
J2
PRINT_PORT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
R278
100
R272
4.7K
R271
4.7K
R277
100
R273
100
R280
100
C425
0.1uF
C426
0.1uF
R281
0
R274
4.7K
U18B
74HC00
4
5
6
14
7
U18C
74HC00
9
10
8
14
7
R279
0
R282
0
U21
AT24C16B
1
2
3
4
5
6
7
8
A0
A1
A2
GND
SDA
SCL
WP
VCC
VDD33
GND
SDIO
SDC
RST_CTL#
INIT#(I)
BUSY(O)
PD0(I)
PD2(I)
STROB#(I)
(SEEPROM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com