Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation AX88655P Datasheet HTML 36Page - ASIX Electronics Corporation AX88655P Datasheet HTML 37Page - ASIX Electronics Corporation AX88655P Datasheet HTML 38Page - ASIX Electronics Corporation AX88655P Datasheet HTML 39Page - ASIX Electronics Corporation AX88655P Datasheet HTML 40Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ASIX ELECTRONICS CORPORATION
38
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
POWER_CKT.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch --- Power Input CKT.
C
9
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
5V
VDD33
VDD18_2
5VSB
VDD18_1
VDD33
VDD33
VDD33
VDD33
VDD33
VDD33
VDD25
VDD33
VDD33
GND
VDD33
RST#_SW
VDD33
RST#_P0
VDD33
VDD25
VDD18_1
RST_CTL#
RST#_P12
RST#_P0
RST#_SW
RST_CTL#
VDD18_2
3.3V
3.3V
GND
5V
GND
5V
GND
12V
3.3V
GND
PS_ON
5V
GND
GND
5V
GND
5VSB
VDD18_1
3.3V
3.3V
3.3V
GND
VDD25
VDD33
VDD18_2
VDD25_2
5V
VDD25_2
GND
GND
GND
GND
GND
GND
GND
GND
5V
5V
VDD25
RST#_P34
RST#_P12
RST#_P34
U16A
74HC123
14
15
1
2
3
13
4
CEXT
REXT/CEXT
A
B
CLR
Q
Q
R269
0
R264
10K
C407
1000pF
C390
0.1uF
C375
0.1uF
R252
301
C387
1000pF
R254
1K
C386
0.1uF
D29
LED
TP9
TEST POINT
1
D27
LED
+ C384
220uF/16V
C374
1000pF
C391
1000pF
C409
1000pF
U14
LT1085
3
4
2
1
VIN
TAB/OUT
VOUT
ADJ/GND
C419
0.1uF
C361
0.1uF
C408
0.1uF
C362
1000pF
TP7
TEST POINT
1
+ C385
220uF/16V
R250
1K
R255
1K
C421
0.1uF
C420
0.1uF
C418
0.1uF
+ C412
220uF/16V
C414
0.1uF
C373
0.1uF
C372
1000pF
R246
680
TP1
TEST POINT
1
U11
LT1085
3
4
2
1
VIN
TAB/OUT
VOUT
ADJ/GND
+ C357
220uF/16V
+ C358
220uF/16V
R248
301
TP13
TEST POINT
1
TP14
TEST POINT
1
C363
0.1uF
C415
0.1uF
C359
0.1uF
TP3
TEST POINT
1
C416
1000pF
C370
0.1uF
R249
100
C364
1000pF
+ C377
220uF/16V
+ C376
220uF/16V
C382
0.1uF
R261
4.7K
C378
0.1uF
+ C413
220uF/16V
U13
LT1085
3
4
2
1
VIN
TAB/OUT
VOUT
ADJ/GND
J1
CON2
1
2
C397
0.1uF
+ C365
220uF/16V
C424
0.1uF
C393
1000pF
C394
0.1uF
C388
0.1uF
C389
1000pF
C379
1000pF
U17B
74HC04
3
4
C402
0.1uF
TP8
TEST POINT
1
U17C
74HC04
5
6
C395
1000pF
U17D
74HC04
9
8
D28
1N5402
C417
0.1uF
R259
100K
TP11
TEST POINT
1
+
C371
220uF/16V
U17E
74HC04
11
10
C369
0.1uF
TP12
TEST POINT
1
R257
1K
C368
1000pF
C396
0.1uF
C401
1000pF
C367
0.1uF
C360
1000pF
+ C392
220uF/16V
C400
0.1uF
U19
XC61F
3
1
2
VIN
VOUT
VSS
C366
1000pF
D26
1N5402
C399
1000pF
TP10
TEST POINT
1
+
C398
220uF/16V
R268
10K
R265
0
C383
1000pF
R251
680
TP5
TEST POINT
1
+ C423
4.7uF/16V
TP6
TEST POINT
1
R260
10K
TP2
TEST POINT
1
U12
ATX POWER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
3.3V
3.3V
GND
5V
GND
5V
GND
PW_OK
5VSB
12V
3.3V
-12V
GND
PS-ON
GND
GND
GND
-5V
5V
5V
+ C403
220uF/16V
C405
0.1uF
R258
1K
+ C404
220uF/16V
TP4
TEST POINT
1
C411
1000pF
C380
0.1uF
U18A
74HC00
1
2
3
14
7
C410
0.1uF
U15
LT1085
3
4
2
1
VIN
TAB/OUT
VOUT
ADJ/GND
C381
1000pF
R256
1K
C406
1000pF
U17A
74HC04
1
2
R247
4.7K
R263
0
S2
SW PUSHBUTTON
C422
0.1uF
S1
SW SPST
R253
100/2W
D30
1N4148
VDD33
VDD25
VDD18_1
GND
RST_CTL#
VDD18_2
VDD25_2
RST#_P34
RST#_P12
RST#_P0
RST#_SW
5V INPUT
GND
1.8V Output
GND
GND
3.3V
INPUT
1.8V Output
GND
3.3V Power LED
5V Power LED
GND
GND
2.5V Output
2.5V Output
GND
Option
Option for external
RC reset IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com