Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88655P Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88655P
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655P Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88655P Datasheet HTML 32Page - ASIX Electronics Corporation AX88655P Datasheet HTML 33Page - ASIX Electronics Corporation AX88655P Datasheet HTML 34Page - ASIX Electronics Corporation AX88655P Datasheet HTML 35Page - ASIX Electronics Corporation AX88655P Datasheet HTML 36Page - ASIX Electronics Corporation AX88655P Datasheet HTML 37Page - ASIX Electronics Corporation AX88655P Datasheet HTML 38Page - ASIX Electronics Corporation AX88655P Datasheet HTML 39Page - ASIX Electronics Corporation AX88655P Datasheet HTML 40Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ASIX ELECTRONICS CORPORATION
36
AX88655 P 5-Port 10/100/1000BASE-T Ethernet Switch
GSW_CKT.SCH
1.0
AX88655 P 5-Port 10/100/1000BASE-T EtherNet Switch --- AX88655 P CKT.
C
7
10
Thursday, March 14, 2002
ASIX ELECTRONICS CORPORATION
Title
Size
Document Number
Rev
Date:
Sheet
of
GND
TXD03
GTX_CLK0
RX_CLK1
GND
TX_EN3
GTX_CLK2
TXD02
GCLK_EN#
GTX_CLK0
TXD46
TX_CLK4
TXD15
TXD13
COL4
RXD16
GND
TXD43
TX_CLK2
RX_DV2
TXD12
GND
TXD06
GTX_CLK4
VDD33
TX_EN0
RX_CLK0
RXD41
TXD01
2.5V
TXD40
RXD40
GND
TXD4[0..7]
RXD12
TX_EN4
VDD25
CRS1
COL0
2.5V
RXD17
TXD4[0..7]
RXD2[0..7]
GND
RXD45
2.5V
FILTER
RXD46
GTX_CLK1
RX_CLK1
CRS1
RXD4[0..7]
RXD43
2.5V
RX_DV3
RXD44
TXD44
RX_DV4
TX_EN0
TX_EN1
RXD42
2.5V
COL1
RXD47
GND
GND
CRS4
TXD45
GND
COL1
RXD11
FILTER
2.5VA
RESET#
GND
GCLK_EN#
TXD05
MDC
GND
RXD10
CRS3
2.5VA
TX_CLK1
3.3V
RXD14
X_IN
SYSCLK
RX_CLK3
CRS2
RXD1[0..7]
TXD3[0..7]
RX_CLK4
GND
TXD47
GND
SYSCLK_EN#
RX_CLK4
TXD0[0..7]
2.5V
TXD16
GTX_CLK3
GND
GND
GTX_CLK4
TXD00
GND
SDC
GCLK
TXD07
VDD25
TXD04
SDIO
TX_EN2
VDD33
TXD2[0..7]
SDC
TX_CLK3
TXD42
TX_EN4
GND
RXD15
COL3
2.5VA
2.5V
RXD4[0..7]
VDD25
SDIO
TX_CLK0
GND
TXD0[0..7]
X_IN
RXD13
GND
TX_CLK1
RXD1[0..7]
RXD3[0..7]
TXD14
3.3V
X_OUT
3.3V
RESET#
TX_EN1
TXD11
RX_DV0
MDIO
GCLK
SYSCLK
RX_DV1
TX_CLK4
X_OUT
TXD1[0..7]
TXD41
RX_CLK2
CRS0
RX_DV1
TXD17
GND
TXD10
2.5V
GTX_CLK1
GND
TXD1[0..7]
COL2
RX_DV4
RXD0[0..7]
SYSCLK_EN#
MDIO
MDC
R215
1.5K
R216
1.5K
C338
1000pF
C339
0.1uF
C315
1000pF
+ C310
220uF/16V
C327
0.1uF
R211
0
L18
F.B.
R220
47
L17
F.B.
+ C336
100uF/16V
C348
0.1uF
R221
47
L16
F.B.
C325
0.1uF
C329
0.1uF
C312
0.1uF
C330
0.1uF
R219
0
R223
0
C328
0.1uF
C346
1000pF
+ C334
100uF/16V
R214
0
C341
0.1uF
C340
1000pF
C331
0.1uF
C332
0.1uF
+ C311
220uF/16V
+ C333
100uF/16V
R224
0
R226
47
R213
47
C318
0.1uF
C344
1000pF
R227
0
C323
0.1uF
C322
0.1uF
C319
0.1uF
C347
0.1uF
R217
10K
C321
0.1uF
C316
0.1uF
R212
47
C326
0.1uF
C313
1000pF
C337
0.1uF
C345
0.1uF
L19
F.B.
C309
20pF
C308
20pF
Y1
27MHZ
C317
0.1uF
C320
0.1uF
C343
0.1uF
R228
1M
R222
680
+ C335
100uF/16V
C306
39pF
R218
10K
C307
680pF
R225
47
L20
F.B.
U6
AX88655 P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
24
25
26
27
28
29
30
31
32
22
23
33
34
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
35
36
37
38
39
41
42
40
158
159
43
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
TXD0[4]
TXD0[5]
TXD0[6]
TXD0[7]
TX_EN0
VSS
VDD25
NC
NC
VSS
VSS
VSS
VSS
NC
NC
NC
NC
VSS
VSS
VSS
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VDD25
NC
VSS
VDD33
CRS1
COL1
RXD1[0]
RXD1[1]
RXD1[2]
RXD1[3]
RXD1[4]
RXD1[5]
RXD1[6]
RXD1[7]
RX_CLK1
RX_DV1
VSS
GTX_CLK1
VDD25
TX_CLK1
TXD1[0]
TXD1[1]
TXD1[2]
TXD1[3]
TXD1[4]
RXD4[2]
RXD4[3]
RXD4[4]
RXD4[5]
RXD4[6]
RXD4[7]
RX_CLK4
RX_DV4
VSS
G_TXCLK4
VDD25
TX_CLK4
TXD4[0]
TXD4[1]
TXD4[2]
TXD4[3]
TXD4[4]
TXD4[5]
TXD4[6]
TXD4[7]
TX_EN4
VSS
VDD25
SID0
SID1
SID2
SID3
SID4
/GCLK_EN
X_IN
X_OUT
AVBB25
AVDD25A
AVSS25A
AVSS25D
AVDD25D
FILTER
/SYSCLK_EN
VSS
NC
VSS
GCLK
VDD25
SDIO
SDC
MDIO
MDC
NC
SYSCLK
VSS
/RST
VDD33
NC
NC
NC
NC
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
VSS
VDD25
NC
NC
VSS
VSS
VSS
VSS
NC
NC
NC
NC
C314
0.1uF
C324
0.1uF
C342
0.1uF
RX_CLK2
SDIO
RX_RV4
CRS4
CRS0
GCLK
RX_DV0
SYSCLK
TX_CLK4
COL0
GND
RX_CLK4
VDD25_2
RXD2[0..7]
RX_RV2
COL1
SDC
RESET#
RX_CLK0
TX_CLK0
RX_DV1
CRS1
RX_CLK1
COL2
MDIO
COL4
CRS3
RX_CLK3
CRS2
RXD1[0..7]
RX_RV3
TX_CLK1
RXD4[0..7]
RXD3[0..7]
MDC
TX_CLK2
COL3
VDD33
TX_CLK3
RXD0[0..7]
GTX_CLK0
TXD0[0..7]
TX_EN0
TXD1[0..7]
GTX_CLK1
TX_EN1
TXD2[0..7]
GTX_CLK2
TX_EN2
TXD3[0..7]
GTX_CLK3
TX_EN3
TXD4[0..7]
GTX_CLK4
TX_EN4
If SYSCLK_EN pull down, the
SYSCLK input
90MHZ, else the
X_IN & X_OUT input 27MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com