Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 3Page - Cirrus Logic CS61318 Datasheet HTML 4Page - Cirrus Logic CS61318 Datasheet HTML 5Page - Cirrus Logic CS61318 Datasheet HTML 6Page - Cirrus Logic CS61318 Datasheet HTML 7Page - Cirrus Logic CS61318 Datasheet HTML 8Page - Cirrus Logic CS61318 Datasheet HTML 9Page - Cirrus Logic CS61318 Datasheet HTML 10Page - Cirrus Logic CS61318 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CS61318
DS441PP2
7
SERIAL PORT SWITCHING CHARACTERISTICS (TA = -40
° to 85°C; TV+, RV+ = 5V ±5%;
Inputs: Logic 0 = 0 V, Logic 1 = RV+)
Notes: 21. Output load capacitance = 50 pF
Parameter
Symbol
Min
Typ
Max
Units
SDI to SCLK Setup Time
tdc
50
-
-
ns
SCLK to SDI Hold Time
tcdh
50
-
-
ns
SCLK Low Time
tcl
240
-
-
ns
SCLK High Time
tch
240
-
-
ns
SCLK Rise and Fall Time
tr, tf
-
-
50
ns
CS to SCLK Setup Time
tcc
50
-
-
ns
SCLK to CS Hold Time
tcch
50
-
-
ns
CS Inactive Time
tcwh
250
-
-
ns
SCLK to SDO Valid
(Note 21)
tcdv
--
200
ns
CS to SDO High Z
tcdz
-100
-
ns
t dc
t cc
LSB
LSB
MSB
CONTROL
BYTE
DATA
BYTE
CS
SCLK
SDI
t ch
t cwh
t cch
t cdh
t cl
t cdh
Figure 4. Serial Port Write Timing Diagram
HIGH Z
CS
SCLK
SDO
CLKE = 1
SDI
cdv
t
cdv
t
cdz
t
SDO
CLKE = 0
LAST ADDR BIT
D0
D1
D6
D7
D0
D1
D6
D7
Figure 5. Serial Port Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com