Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 20Page - Cirrus Logic CS61318 Datasheet HTML 21Page - Cirrus Logic CS61318 Datasheet HTML 22Page - Cirrus Logic CS61318 Datasheet HTML 23Page - Cirrus Logic CS61318 Datasheet HTML 24Page - Cirrus Logic CS61318 Datasheet HTML 25Page - Cirrus Logic CS61318 Datasheet HTML 26Page - Cirrus Logic CS61318 Datasheet HTML 27Page - Cirrus Logic CS61318 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
CS61318
24
DS441PP2
5 PACKAGE DIMENSIONS
1. Positional tolerance of leads shall be within 0.25 mm (0.010 in.) at maximum material condition, in
relation to seating plane and each other.
2. Dimension eA to center of leads when formed parallel.
3. Dimension E does not include mold flash.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.155
0.200
3.94
5.08
A1
0.020
0.040
0.51
1.02
b
0.014
0.022
0.36
0.56
b1
0.040
0.065
1.02
1.65
c
0.008
0.015
0.20
0.38
D
1.435
1.465
36.45
36.83
E
0.540
0.560
13.72
14.22
e
0.095
0.105
2.41
2.67
eA
0.600
0.625
15.24
15.87
L
0.125
0.150
3.18
3.81
∝
0°
15°
0°
15°
28 PIN PLASTIC (PDIP) PACKAGE DRAWING
E
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com