Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 14Page - Cirrus Logic CS61318 Datasheet HTML 15Page - Cirrus Logic CS61318 Datasheet HTML 16Page - Cirrus Logic CS61318 Datasheet HTML 17Page - Cirrus Logic CS61318 Datasheet HTML 18Page - Cirrus Logic CS61318 Datasheet HTML 19Page - Cirrus Logic CS61318 Datasheet HTML 20Page - Cirrus Logic CS61318 Datasheet HTML 21Page - Cirrus Logic CS61318 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
CS61318
18
DS441PP2
Turns ratio: 120
Ω Twisted Pair Application
1:2 step-up transmit, 1:1 receive
Turns ratio: 75
Ω Twisted Pair Application
1:1.58 step-up transmit, 1:1 receive
Table 5. Transformer Specification
Turns
Ratio(s)
Manufacturer
Part Number
Package Type
1:1CT
Pulse Engineering
PE-64936
1.5 kV, through-hole, single
Valor
PT5008
Schott
67130840
Valor
ST5085
1.5 kV, surface mount, single
Schott
31187
1:2CT
Pulse Engineering
PE-65351
1.5 kV, through-hole, single
Valor
PT5004
Schott
617130850
Valor
ST5086
1.5 kV, surface mount, single
Schott
31188
1:1CT
1:2CT
Pulse Engineering
PE-68678
1.5 kV, surface mount, dual
Valor
ST5162
Pulse Engineering
PE-68877
1.5 kV, surface mount, dual
extended temp.
Pulse Engineering
T-1068
1.5 kV, surface mount, quad port
Valor
ST5173
Pulse Engineering
T-1031
3 kV, surface mount, dual
1:1.58 CT
Pulse Engineering
T-1229
1.5 kV, through hole, single
Table 6. Recommended Tranformers for the CS61318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com