Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 9Page - Cirrus Logic CS61318 Datasheet HTML 10Page - Cirrus Logic CS61318 Datasheet HTML 11Page - Cirrus Logic CS61318 Datasheet HTML 12Page - Cirrus Logic CS61318 Datasheet HTML 13Page - Cirrus Logic CS61318 Datasheet HTML 14Page - Cirrus Logic CS61318 Datasheet HTML 15Page - Cirrus Logic CS61318 Datasheet HTML 16Page - Cirrus Logic CS61318 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CS61318
DS441PP2
13
2.11.1 Control Register 1: Address 0x10
TAOS
Transmit All Ones Select
When TAOS = 1, all ones are transmitted at the TCLK frequency
LLOOP
Local Loopback
When LLOOP = 1, data input at TPOS, TNEG (TDATA) is internally looped back and output on
RPOS, RNEG (RDATA). TCLK is routed to RCLK, through the jitter attenuator, if activated.
RLOOP
Remote Loopback
When RLOOP = 1, clock and data recovered by the receiver are sent back through the transmit
path and retransmitted. The clock and data are routed through the jitter attenuator, if activated.
BITS 4:3
Reserved - Set Bits 3 & 4 to “0” for proper operation.
HDB3
Setting HDB3 to “1” enables HDB3 encoding and decoding.
NLOOP
Network Loopback
NLOOP = 1 when a network loopback code has been detected on the received signal.
An interrupt will occur when NLOOP changes state unless a “1” is written to NLOOP disabling
the interrupt.
LOS
Loss Of Signal
LOS = 1 when the loss of signal criteria have been met (See Receiver Loss of Signal).
LOS = 0 when a valid signal is being received.
Writing a “1” to LOS disables interrupts due to LOS and the LOS Change indication in bits 5
and 6.
7 (MSB)
6
5
4321
0 (LSB)
TAOS
LLOOP
RLOOP
Reserved
Set to “0”
Reserved
Set to “0”
HDB3
NLOOP
LOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com