Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 20Page - Cirrus Logic CS61318 Datasheet HTML 21Page - Cirrus Logic CS61318 Datasheet HTML 22Page - Cirrus Logic CS61318 Datasheet HTML 23Page - Cirrus Logic CS61318 Datasheet HTML 24Page - Cirrus Logic CS61318 Datasheet HTML 25Page - Cirrus Logic CS61318 Datasheet HTML 26Page - Cirrus Logic CS61318 Datasheet HTML 27Page - Cirrus Logic CS61318 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
CS61318
DS441PP2
25
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.165
0.180
4.043
4.572
A1
0.090
0.120
2.205
3.048
B
0.013
0.021
0.319
0.533
D
0.485
0.495
11.883
12.573
D1
0.450
0.456
11.025
11.582
D2
0.390
0.430
9.555
10.922
E
0.485
0.495
11.883
12.573
E1
0.450
0.456
11.025
11.582
E2
0.390
0.430
9.555
10.922
e
0.040
0.060
0.980
1.524
JEDEC #: MS-018
28L PLCC PACKAGE DRAWING
D1
D
E1 E
D2/E2
B
e
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com