Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 4 Page - Cirrus Logic

  CS61318 Datasheet HTML 1Page - Cirrus Logic CS61318 Datasheet HTML 2Page - Cirrus Logic CS61318 Datasheet HTML 3Page - Cirrus Logic CS61318 Datasheet HTML 4Page - Cirrus Logic CS61318 Datasheet HTML 5Page - Cirrus Logic CS61318 Datasheet HTML 6Page - Cirrus Logic CS61318 Datasheet HTML 7Page - Cirrus Logic CS61318 Datasheet HTML 8Page - Cirrus Logic CS61318 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CS61318
4
DS441PP2
1
CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS WARNING: Operation at or beyond these limits may result in
permanent damage to the device. Normal operation is not guaranteed at these extremes.
Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND can
withstand a continuous current of 100 mA.
RECOMMENDED OPERATING CONDITIONS
Notes: 2. TV+ must not exceed RV+ by more than 0.3 V.
3. Power consumption figures assume device is driving line load over operating temperature range. The
consumption of both the IC and the load are included. Digital input levels are within 10% of the supply
rails and digital outputs are driving a 50 pF capacitive load.
4. Typical consumption corresponds to 50% ones density and medium line length at 5.0 V.
5. Maximum consumption corresponds to 100% ones density and maximum line length at 5.25 V.
DIGITAL CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0 V ±5%; GND = 0 V)
Notes: 6. This specification guarantees TTL compatibility (VOH = 2.4 V @ IOUT = -40 µA).
7. Output drivers are TTL compatible and will drive CMOS logic levels into a CMOS load.
Parameter
Symbol
Min
Max
Units
DC Supply
(referenced to RGND=TGND=0 V)
RV+
TV+
-
-
6.0
(RV+) + 0.3
V
V
Input Voltage, Any Pin
Vin
RGND-0.3
(RV+) + 0.3
V
Input Current, Any Pin
(Note 1)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Supply
(Note 2) RV+, TV+
4.75
5.0
5.25
V
Ambient Operating Temperature
TA
-40
25
85
°C
Power Consumption, Long Haul
(Notes 3,4,5)
PC
-390
630
mW
Power Consumption, Short Haul
(Notes 3,4,5)
PC
-480
710
mW
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(Note 6)
PINS 1-4, 24-28
VIH
2.0
-
-
V
Low-Level Input Voltage
(Note 6)
PINS 1-4, 24-28
VIL
--
0.8
V
High-Level Output Voltage
(Notes 6, 7)
IOUT = -40 µA
PINS 6-8, 25
VOH
2.4
-
-
V
Low-Level Output Voltage
(Notes 6, 7)
IOUT = 1.6 mA
PINS 6-8, 25
VOL
--
0.4
V
Input Leakage Current
-
-
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com