Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 12Page - Cirrus Logic CS61318 Datasheet HTML 13Page - Cirrus Logic CS61318 Datasheet HTML 14Page - Cirrus Logic CS61318 Datasheet HTML 15Page - Cirrus Logic CS61318 Datasheet HTML 16Page - Cirrus Logic CS61318 Datasheet HTML 17Page - Cirrus Logic CS61318 Datasheet HTML 18Page - Cirrus Logic CS61318 Datasheet HTML 19Page - Cirrus Logic CS61318 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
CS61318
16
DS441PP2
pled to their respective grounds. TV+ must not
exceed RV+ by more than 0.3 V.
Decoupling and filtering of the power supplies is
crucial for the proper operation of the analog cir-
cuits in both the transmit and receive paths. A 47
µF
tantalum and 1.0
µF mylar or ceramic capacitor
should be connected between TV+ and TGND, and
a 0.1
µF mylar or ceramic capacitor should be con-
nected between RV+ and RGND. Place capacitors
as closely as possible to their respective power sup-
ply pins. Wire-wrap breadboarding of the line in-
terface is not recommended because lead resistance
and inductance serve to defeat the function of the
decoupling capacitors.
3 ARBITRARY WAVEFORM
GENERATION
In addition to the predefined pulse shapes, the user
can create custom pulse shapes under the Host
Mode operation. This flexibility allows the board
designer to accommodate non-standard cables,
EMI filters, protection circuitry, etc.
The arbitrary pulse shape of mark (a transmitted
“1”) is specified by describing it's pulse shape
across three Unit Intervals (UIs). This allows, for
example, the long-haul return-to-zero tail to extend
into the next UI, or two UIs, as is required for iso-
lated pulses.
Each UI is divided into multiple phases, and the us-
ers defines the amplitude of each phase. The wave-
form of a space (a transmitted “0”) is fixed at zero
volts. Examples of the phases are shown in
Figure 10. In all cases, to define an arbitrary wave-
form, the user writes to the Waveform Register ei-
ther 36, 39 or 42 times (12, 13 or 14 phases per UI
for three UIs). The phases are written in the order:
UI1/phase1,
UI1/phase2,
...
,
UI1/phase14,
UI2/phase1, ... , UI2/phase14, UI3/phase1, ... ,
UI3/phase14.
The CS61318 divides the 488 ns UI into 14 uni-
form phases (34.9 ns each), and uses the phase in-
formation written for all 14 phases of each UI.
When transmitting pulses, the CS61318 will add
the amplitude information from the prior two sym-
bols with the amplitude of the first UI of the current
symbol before outputting a signal on TTIP/TRING.
Therefore, a mark preceded by two spaces will be
output exactly as the mark is programmed. Howev-
er, when one mark is preceded by marks, the first
portion of the last mark may be modified. With
AMI data, where successive pulses have opposite
polarity, the undershoot tail of one pulse will cause
the rising edge of the next mark to rise more quick-
ly, as shown in Figure 11.
E1 Arbitrary Waveform Example
Figure 10. Phase Definition of Arbitrary Waveform
Figure 11. Example of Summing of Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com