Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2502 Datasheet HTML 16Page - National Semiconductor (TI) LM2502 Datasheet HTML 17Page - National Semiconductor (TI) LM2502 Datasheet HTML 18Page - National Semiconductor (TI) LM2502 Datasheet HTML 19Page - National Semiconductor (TI) LM2502 Datasheet HTML 20Page - National Semiconductor (TI) LM2502 Datasheet HTML 21Page - National Semiconductor (TI) LM2502 Datasheet HTML 22Page - National Semiconductor (TI) LM2502 Datasheet HTML 23Page - National Semiconductor (TI) LM2502 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Functional Description (Continued)
TABLE 8. READ — Intel µP Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterIN
Set Up Time (A/D, RD*) and Data On Time
20
ns
T2
MasterIN
Hold Time (A/D, RD*) and Data Off Time
15
ns
T3
Master
Master Latency
5
MC Cycles
T4
Slave
Slave Latency
6
MC Cycles
T5
Slave
Read* Delay
1
MC Cycles
T6
Slave
Read Low Pulse Width
6
MC Cycles
T7
Slave
Data Set Up Time
5
ns
T8
Slave
Data Hold Time
15
ns
T9
Slave
Slave Read Latency
4
MC Cycles
T10
Master
MST Read Latency and INTR Delay
12
MC Cycles
T11
Master
Data Delay
18.6
ns
T12
MasterOUT
Data Valid after Strobe
15
ns
T13
MasterOUT
RD* active pulse width
20
ns
T14
MasterOUT
INTR De-assert
5
MC Cycles
T15
MasterOUT
Recovery Time
5
ns
T16
MasterOUT
INTR Response, (Note 5)
0
MC Cycles
LM2502 Features and Operation
POWER SUPPLIES
The V
DDcore and VDDA (MPL and PLL) must be connected to
the same potential between 2.9V and 3.3V. V
DDIO powers
the logic interface and may be powered between 1.7 and
3.3V to be compatible with a wide range of host and target
devices. V
DDIO should not be powered up without VDDcore/
V
DDA applied as VDDcore biases the IO ring. During power
up, all rails should power up at the same time, or V
DDcore/
V
DDA should lead.
POWER DOWN/OFF
The Master and the Slave provide a PD* pin to save power
when the link is not needed. A Low on this pin will power
down the entire device and turn off the line current to MD0,
MD1, and MC.
During power up, the PD* inputs should be held LOW and
released once power is stable and within specification. The
Slave PD* may be released first or at the same time as the
Master’s PD* pin. CLK (Master) should be applied prior to
releasing PD*. If the Powerdown state is not required, the
PD* pins maybe connected to V
DDIO, however VDDIO should
power up smooth through the logic threshold region.
In Powerdown (PD* = GND) the following outputs are driven
to:
Master:
INTR = L
Slave depends on mode configuration - see Table 9.
TABLE 9. SLV Output in Powerdown
Pin
SLV
i80
SLV
m68
AD
H
H
Data[n]
L
L
CLK
L
L
CS1*
HH
CS2*
LH
MF0
H
H
MF1
H
H
BYPASS RECOMMENDATIONS
Bypass capacitors should be placed near the power supply
pins of the device. Use high frequency ceramic (surface
mount recommended) 0.1 µF capacitors. A 2.2 to 4.7 µF
Tantalum capacitor is recommended near the Master (SER)
V
DDA pin for PLL bypass. Connect bypass capacitors with
wide traces and use dual or larger via to reduce resistance
and inductance of the feeds. Utilizing a thin spacing between
power and ground planes will provide good high frequency
bypass above the frequency range where most typical sur-
face mount capacitors are less effective. To gain the maxi-
mum benefit from this, low inductance feed points are impor-
tant. Also, adjacent signal layers can be filled to create
additional capacitance. Minimize loops in the ground returns
also for improved signal fidelity and lowest emissions.
UN-USED/OPEN PINS
Unused inputs must be tied to the proper input level — do not
float them. Unused outputs should be left open to minimize
power dissipation.
PHASE-LOCKED LOOP
When the LM2502 is configured as a Master, a PLL is
enabled to generate the serial link clock. The Phase-locked
loop system generates the serial data clock at several mul-
tiples of the input clock. The PLL operates with an input clock
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com