Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2502 Datasheet HTML 1Page - National Semiconductor (TI) LM2502 Datasheet HTML 2Page - National Semiconductor (TI) LM2502 Datasheet HTML 3Page - National Semiconductor (TI) LM2502 Datasheet HTML 4Page - National Semiconductor (TI) LM2502 Datasheet HTML 5Page - National Semiconductor (TI) LM2502 Datasheet HTML 6Page - National Semiconductor (TI) LM2502 Datasheet HTML 7Page - National Semiconductor (TI) LM2502 Datasheet HTML 8Page - National Semiconductor (TI) LM2502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Pin Descriptions (Continued)
Pin Name
No.
of Pins
I/O, Type
Description
Master (SER)
Slave (DES)
POWER/GROUND PINS
V
DDA
1
Power
Power Supply Pin for the MPL Interface. 2.9V to 3.3V
V
SSA
1
Ground
Ground Pin for the MPL Interface, a low impedance ground path is required between
the Master and the Slave device - see Applications Information section.
V
DDcore
1
Power
Power Supply Pin for the digital core. 2.9V to 3.3V
V
SScore
1
Ground
Ground Pin for the digital core.
V
DDIO
2
Power
Power Supply Pin for the parallel interface. 1.7V to 3.3V
V
SSIO
2
Ground
Ground Pin for the parallel interface.
9
NC
Not Connected (C3-5, D3-5, E3-5). UFBGA Package only.
1
Ground
DAP = Ground. LLP Package only.
Note:
I = Input, O = Output, IO = Input/Output, VDDIO ≤ VDD (VDDA =VDDcore). Do not float input pins.
Master Pinout - UFBGA Package
MST
12
34
56
7
A
D0
D1
D2
V
DDA
INTR
MD1
MC
B
D3
D4
D5
V
SSA
M/S*
Mode
MD0
C
D6
D7
NC
NC
NC
CS2*
MF1
D
V
DDIO
V
SSIO
NC
NC
NC
V
SScore
V
DDcore
E
D8
D9
NC
NC
NC
CS1*
PLLCON2
F
D10
D11
D12
V
SSIO
MF0
PLLCON1
PD*
G
D13
D14
D15
V
DDIO
A/D
PLLCON0
CLK
Slave Pinout - UFBGA Package
SLV
1
234
56
7
A
D0
D1
D2
V
DDA
CLKDIS*
MD0
MC
B
D3
D4
D5
V
SSA
M/S*
Mode
MD1
C
D6
D7
NC
NC
NC
CS2*
MF1
D
V
DDIO
V
SSIO
NC
NC
NC
V
SScore
V
DDcore
E
D8
D9
NC
NC
NC
CS1*
PLLCON2
F
D10
D11
D12
V
SSIO
MF0
PLLCON1
PD*
G
D13
D14
D15
V
DDIO
A/D
PLLCON0
CLK
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com