Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2502 Datasheet HTML 1Page - National Semiconductor (TI) LM2502 Datasheet HTML 2Page - National Semiconductor (TI) LM2502 Datasheet HTML 3Page - National Semiconductor (TI) LM2502 Datasheet HTML 4Page - National Semiconductor (TI) LM2502 Datasheet HTML 5Page - National Semiconductor (TI) LM2502 Datasheet HTML 6Page - National Semiconductor (TI) LM2502 Datasheet HTML 7Page - National Semiconductor (TI) LM2502 Datasheet HTML 8Page - National Semiconductor (TI) LM2502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pin Descriptions
Pin Name
No.
of Pins
I/O, Type
Description
Master (SER)
Slave (DES)
MPL SERIAL BUS PINS
MD[1:0]
2
IO, MPL
MPL Data Line Driver/Receiver
MPL Data Receiver/Line Driver
MC
1
IO, MPL
MPL Clock Line Driver
MPL Clock Receiver
V
SSA
Ground
MPL Ground - see Power/Ground Pins
MPL Ground - see Power/Ground Pins
CONFIGURATION/PARALLEL BUS PINS
M/S*
1
I,
LVCMOS
Master/Slave* Input,
M/S* = H for Master
Master/Slave* Input
M/S* = L for Slave
PD*
1
I,
LVCMOS
Power_Down* Input,
H = Active
L = Power Down Mode
Power_Down* Input,
H = Active
L = Power Down Mode
MF0
(E or RD*)
1
IO,
LVCMOS
Multi-function Input Zero (0):
If MODE = L (m68 mode), E input pin,
data is latched on E High-to-Low
transition or E may be static High and
Data is latched on CS* Low-to-High edge
If MODE = H (i80 mode), Read Enable
input pin, active low. Read data is driven
when both RD* and CS* are Low.
Multi-function Output Zero (0):
If MODE = L (m68 mode),
E output pin, static High.
If MODE = H (i80 mode),
Read Enable output pin, active Low.
MF1
(R/W* or
WR*)
1
IO,
LVCMOS
Multi-function Input One (1):
If Mode = L (m68 mode), Read/Write*
pin, Read High, Write* Low
If Mode = H (i80 mode), Write* enable
input pin, active Low. Write data is
latched on the Low-to-High transition of
either WR* or CS* (which ever occurs
first).
Multi-function Output One (1):
If Mode = L (m68 mode)
Read/Write* pin,
Read High, Write* Low
If Mode = H (i80 mode)
Write* enable output pin, active Low.
CS1*
1
IO,
LVCMOS
ChipSelect1* – Input
H = Ignored
L = Active
ChipSelect1* – Output
H = Ignored
L = Active
CS2*
1
IO,
LVCMOS
ChipSelect2* – Input
H = Ignored
L = Active
ChipSelect2* – Output
H = Ignored
L = Active
A/D (RS or
A0)
1
IO,
LVCMOS
Address/Data – Input
H = Data
L = Address (Command)
Address/Data – Output
H = Data
L = Address (Command)
D[15:0]
16
IO,
LVCMOS
Data Bus – Inputs/Outputs
Data Bus – Outputs/Inputs
INTR
or
CLKDIS*
1
O or I,
LVCMOS
INTR is asserted when the read data is
ready and de-asserted upon a second
CPU Read cycle.
Clock Disable - CLKDIS*:
H = CLK output ON
L = CLK output LOW, allows for the
Slave clock output to be held static if not
used.
CLK
1
IO,
LVCMOS
Clock Input
Clock Output (Frequency Reference) –
no phase relationship to data – frequency
reference only.
Mode
1
I,
LVCMOS
Mode Input Pin
H = i80 Mode,
L = m68 Mode
Mode Input Pin
H = i80 Mode,
L = m68 Mode
PLL_CON
[2:0]
3I,
LVCMOS
PLL Configuration Input Pins – see Table
10
Clock Divisor Configuration Input Pins –
see Table 10
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com