Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2502 Datasheet HTML 17Page - National Semiconductor (TI) LM2502 Datasheet HTML 18Page - National Semiconductor (TI) LM2502 Datasheet HTML 19Page - National Semiconductor (TI) LM2502 Datasheet HTML 20Page - National Semiconductor (TI) LM2502 Datasheet HTML 21Page - National Semiconductor (TI) LM2502 Datasheet HTML 22Page - National Semiconductor (TI) LM2502 Datasheet HTML 23Page - National Semiconductor (TI) LM2502 Datasheet HTML 24Page - National Semiconductor (TI) LM2502 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LM2502 Features and Operation
(Continued)
between 3 and 25 MHz. See Table 10 below, Multiplier/
Divisor times CLK rate must also be less than 76.8 MHz. The
76.8 MHz limitation is based on the semiconductor process
used on this implementation — it is not an MPL limitation.
Line rate should also be selected such that it is faster than
the input load rate when bursting data across the link. Oth-
erwise 8/10 X Line rate must be greater than the input load
rate to the Master. At the maximum raw data rate of 307
Mbps, the maximum information rate is 245 Mbps. Thus the
parallel load rate at the Master input must not exceed 15.4
Mega Transfers per second sustained (of 16 data bits). The
Master can accommodate up to four words at a higher rate
due to internal FIFOs.
Configuration pins (PLL_CON[2:0], and M/S*) are used to
determine the mode of which the part is operating in. In the
Slave configuration the PLL block is disabled. The Slave
PLL_CON pins are required to set up the proper divisor for
the CLK pin. Slave PLL_CON[2:0] pins do not need to be set
the same as the Master, this allows for clock multiplication /
division to be supported for the output clock reference signal.
RESET
On both the Master and the Slave, the PD* pin resets the
logic. The PD* pins should be held low until the power supply
has ramped up and is stable and within specifications. The
Slave PD* pin should be driven High first or at the same time
as the Master. This will ensure that the Slave sees the start
up sequence from the Master.
MASTER/SLAVE SELECTION
The M/S* pin is used to configure the device as either a
Master or Slave device. When the M/S* pin is a Logic High,
the Master configuration is selected. The Driver block is
enabled for the MC line, and the MD lines. When the M/S*
pin is a Logic Low, the Slave configuration is selected. The
Receiver block is enabled for the MC line, and the MD lines.
TABLE 10. PLL_CON Settings
PLLCON2
PLLCON1
PLLCON0
Multiplier
(Master)
MC out
Divisor
(Slave)
CLKout
Minimum
CLK Input
Maximum
CLK Input
(MC % 76.8
MHz)
0
0
0
CLK X 2
MC / 2
13 MHz
25 MHz
0
0
1
CLK X 4
MC / 4
6 MHz
19.2 MHz
0
1
0
CLK X 6
MC / 6
3 MHz
12.8 MHz
0
1
1
CLK X 7
MC / 7
3 MHz
10.97 MHz
1
0
0
CLK X 8
MC / 8
3 MHz
9.60 MHz
1
0
1
CLK X 9
MC / 9
3 MHz
8.53 MHz
1
1
0
CLK X 10
MC / 10
3 MHz
7.68 MHz
11
1
(Reserved)
Application Information
SYSTEM CONSIDERATIONS
When employing the MPL SERDES chipset in place of a
parallel bus, a few system considerations must be taken into
account. Before sending commands (ie initialization com-
mands) to the display, the SERDES must be ready to trans-
mit data across the link. The MPL link must be powered up,
and the PLL must be locked. Also a review of the Slave
output timing should be completed to insure that the timing
parameters provided by the Slave output meet the require-
ments of the LCD driver input. Specifically, pulse width on
CSn*, RD* / WR*, data valid time, and bus cycle rate should
be reviewed and checked for inter-operability. Additional de-
tails are provided next:
The MPL link should be started up as follows: The chipset
should be powered up first, V
DDIO should not be powered up
first, it may be at the same time as V
DD/VDDA or lag. During
power up, the PD* inputs should be held LOW and released
once power is stable and within specification. The Slave PD*
may be released first or at the same time as the Master. CLK
should be applied prior to releasing PD*.
Before data can be sent across the MPL serial link, the link
must be ready for transmission. The CLK needs to be ap-
plied to the device, and the PLL locked. This is controlled by
a keep-off counter set for 4096 cycles. After the PLL has lock
and the counter expired, an additional 40 clock cycles are
required for the calibration of the MPL link. After this, data
may now be written to the device.
It takes 5MC Cycles to send a 16-bit CPU Write including the
serial overhead. The MC cycle time is calculated based on
the PLL_CON[2:0] setting and also the input clock fre-
quency. For example, a 19.2MHz input CLK and a 4X
PLLCON setting yields a MC frequency of 76.8MHz. Thus it
takes 65.1ns to send the word in serial form. To allow some
idle time between transmissions (this will force a bit sync per
word if the gap is long enough in between), the load rate on
the Master input should not be faster than 6MC cycles, or
every 78ns in our example to support a data pipe line. This is
sometimes referred to as the bus cycle time (time between
commands).
The Slave output times is also a function of MC cycles. Note
that in i80 mode, the width of the WR* pulse (in m68 mode
the width of the CS*) pulse low is three MC cycles regard-
less of the pulse width applied to the Master input. System
designers need to check compatibility with the display driver
to ensure this pulse width meets its requirement. If it is too
fast, select a lower PLLCON setting or apply a slower input
clock.
The CLK input must be free running and not gapped. If the
clock is stopped a RESET (PD* = Low) cycle should be done
and the link brought up again.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com