Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2502 Datasheet HTML 1Page - National Semiconductor (TI) LM2502 Datasheet HTML 2Page - National Semiconductor (TI) LM2502 Datasheet HTML 3Page - National Semiconductor (TI) LM2502 Datasheet HTML 4Page - National Semiconductor (TI) LM2502 Datasheet HTML 5Page - National Semiconductor (TI) LM2502 Datasheet HTML 6Page - National Semiconductor (TI) LM2502 Datasheet HTML 7Page - National Semiconductor (TI) LM2502 Datasheet HTML 8Page - National Semiconductor (TI) LM2502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM2502
Mobile Pixel Link (MPL) Display Interface Serializer and
Deserializer
General Description
The LM2502 device is a dual link display interface SERDES
that adapts existing CPU / video busses to a low power
current-mode serial MPL link. The chipset may also be used
for a RGB565 application with glue logic. The interconnect is
reduced from 22 signals to only 3 active signals with the
LM2502 chipset easing flex interconnect design, size and
cost.
The Master Serializer (SER) resides beside an application
processor or baseband processor and translates a parallel
bus from LVCMOS levels to serial MPL levels for transmis-
sion over a flex cable and PCB traces to the Slave Deseri-
alizer (DES) located near the display module.
Dual display support is provided for a primary and sub
display through the use of two ChipSelect signals. A Mode
pin selects either a i80 or m68 style interface.
The Power_Down (PD*) input controls the power state of the
MPL interface. When PD* is asserted, the MD1/0 and MC
signals are powered down to save current.
The LM2502 implements the physical layer of the MPL Stan-
dard (MPL-0). The LM2502 is offered in NOPB (Lead-free)
UFBGA and LLP packages.
Features
n >
300 Mbps Dual Link Raw Throughput
n
MPL Physical Layer (MPL-0)
n
Pin selectable Master / Slave mode
n
Frequency Reference Transport
n
Complete LVCMOS / MPL Translation
n
Interface Modes:
— 16-bit CPU, i80 or m68 style
— RGB565 with glue logic
n
−30˚C to 85˚C Operating Range
n
Link power down mode reduces I
DDZ < 10 µA
n
Dual Display Support (CS1* & CS2*)
n
Via-less MPL interconnect feature
n
3.0V Supply Voltage (V
DD and VDDA)
n
Interfaces to 1.7V to 3.3V Logic (V
DDIO)
System Benefits
n
Small Interface
n
Low Power
n
Low EMI
n
Frequency Reference Transport
n
Intrinsic Level Translation
Typical Application Diagram
20093301
Ordering Information
NSID
Package Type
Package ID
LM2502SM
49 Lead UFBGA style, 4.0 X 4.0 X 1.0 mm, 0.5 mm pitch
1000 std reel, LM2502SMX 4500 reel
SLH49A
LM2502SQ
40 Lead LLP style, 5.0 X 5.0 X 0.8 mm, 0.4 mm pitch
1000 std reel, LM2502SQX 4500 reel
SQF40A
August 2005
© 2005 National Semiconductor Corporation
DS200933
www.national.com


Similar Part No. - LM2502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2502 TI2-LM2502 Datasheet
820Kb / 30P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
REVISED MAY 2013
LM2502SQ/NOPB TI1-LM2502SQ/NOPB Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2502SQ/NOPB TI2-LM2502SQ/NOPB Datasheet
820Kb / 30P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
REVISED MAY 2013
LM2502SQ/NOPB.A TI2-LM2502SQ/NOPB.A Datasheet
820Kb / 30P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
REVISED MAY 2013
More results

Similar Description - LM2502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com