Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2502 Datasheet HTML 1Page - National Semiconductor (TI) LM2502 Datasheet HTML 2Page - National Semiconductor (TI) LM2502 Datasheet HTML 3Page - National Semiconductor (TI) LM2502 Datasheet HTML 4Page - National Semiconductor (TI) LM2502 Datasheet HTML 5Page - National Semiconductor (TI) LM2502 Datasheet HTML 6Page - National Semiconductor (TI) LM2502 Datasheet HTML 7Page - National Semiconductor (TI) LM2502 Datasheet HTML 8Page - National Semiconductor (TI) LM2502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LLP Connection Diagram
20093324
TOP VIEW
(not to scale)
TABLE 2. Pad Assignment
Pin #
Master
Slave
Ball #
Master
Slave
1
D0
D0
21
CLK
CLK
2D3
D3
22
PD*
PD*
3
D7
D7
23
CS1*
CS1*
4
D6
D6
24
PLLCON2 PLLCON2
5V
SSIO
V
SSIO
25
V
SScore
V
SScore
6V
DDIO
V
DDIO
26
V
DDcore
V
DDcore
7
D8
D8
27
MF1
MF1
8
D9
D9
28
CS2*
CS2*
9
D10
D10
29
MD0
M
MD1
S
10
D11
D11
30
MODE
MODE
11
D13
D13
31
MC
MC
12
D14
D14
32
MD1
M
MD0
S
13
D12
D12
33
M/S*
M/S*
14
D15
D15
34
INTR
M
CLKDIS*
S
15
V
SSIO
V
SSIO
35
V
SSA
V
SSA
16
V
DDIO
V
DDIO
36
V
DDA
V
DDA
17
A/D
A/D
37
D2
D2
18
MF0
MF0
38
D5
D5
19
PLLCON0 PLLCON0
39
D1
D1
20
PLLCON1 PLLCON1
40
D4
D4
DAP
GND
GND
DAP
GND
GND
Note: Three pins are different between Master and Slave configurations.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com