Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2502 Datasheet HTML 13Page - National Semiconductor (TI) LM2502 Datasheet HTML 14Page - National Semiconductor (TI) LM2502 Datasheet HTML 15Page - National Semiconductor (TI) LM2502 Datasheet HTML 16Page - National Semiconductor (TI) LM2502 Datasheet HTML 17Page - National Semiconductor (TI) LM2502 Datasheet HTML 18Page - National Semiconductor (TI) LM2502 Datasheet HTML 19Page - National Semiconductor (TI) LM2502 Datasheet HTML 20Page - National Semiconductor (TI) LM2502 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Functional Description (Continued)
CPU MODE — READ — m68
TABLE 6. READ — 6800 µP Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterIN
Set Up Time (A/D, R/W*) and Data On Time
20
ns
T2
MasterIN
Hold Time (A/D, R/W*) and Data Off Time
15
ns
T3
Master
Master Latency
5
MC Cycles
T4
Slave
Slave Latency
6
MC Cycles
T5
Slave
ChipSelect* Delay
1
MC Cycles
T6
Slave
ChipSelect Low Pulse Width
6
MC Cycles
T7
Slave
Data Set Up Time
5
ns
T8
Slave
Data Hold Time
15
ns
T9
Slave
Slave Read Latency
4
MC Cycles
T10
Master
MST Read Latency and INTR Delay
12
MC Cycles
T11
Master
Data Delay
18.6
ns
T12
MasterOUT
Data Valid after Strobe
15
ns
T13
MasterOUT
CS* or E active pulse width
20
ns
T14
MasterOUT
INTR De-assert
5
MC Cycles
20093311
FIGURE 14. READ — 6800 µP Interface
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com