Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FAC2786FE Datasheet HTML 1Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 2Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 3Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 4Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FAC2786FE
2015.01. 26
3/13
Revision No : 0
Function Block
Figure 2 Function Block Diagram of FAC2786
Absolute Maximum Ratings
Parameter
symbol
Value
Unit
Input Voltage
VIN
-0.3 to 32
V
SW Pin GND Voltage
VSW
-0.3 to VIN+0.3
V
EN,FB,COMP,SS to GND Voltage
-0.3 to 6
V
BS to GND Voltage
VBS
VSW-0.3 to VSW+6
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-65 to 150
℃
Lead Temperature
TLEAD
260
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com