Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FAC2786FE Datasheet HTML 1Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 2Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 3Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 4Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FAC2786FE
2015.01. 26
5/13
Revision No : 0
CURRENT-MODE PWM CONVERTER
Error Amplifier Transconductance
Gm
-
820
-
uA/V
Error Amplifier Voltage Gain
COMP=NC
-
80
-
V/V
Switch Current to COMP Voltage
Transconductance
-
5.2
-
A/V
PROTECTIONS
High Side MOSFET Current-Limit
ILIM
Peak Current
-
5.6
-
A
Over-Temperature Trip Point
TOTP
-
160
-
℃
Over-Temperature Hysteresis
-
50
-
℃
Over-Voltage Protection
-
120
-
%
SOFT-START, ENABLE AND INPUT CURRENTS
Soft-Start Current
-
6
-
uA
EN Enable Threshold Voltage
VIN=4.5~28V
0.4
-
2
V
EN Under-Voltage Lockout (UVLO)
Threshold
2.3
2.5
2.7
V
EN UVLO Hysteresis
VEN rising
-
200
-
mV
Typical Application Circuit
* For cirtical condition, like plug in, the large capacitace and high voltage rating are needed to avoid the high spike voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com