Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 10Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 11Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 12Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FAC2786FE
2015.01. 26
11/13
Revision No : 0
Application Information
Setting Output Voltage
The regulated output voltage is determined by:
RR
To prevent stray pickup, please locate resistors R1 and R2
close to TD2786.
Inductor Capacitor Selection
Use small ceramic capacitors for high frequency decoupling
and bulk capacitors to supply the surge current needed each
time the N-channel power MOSFET (Q1) turns on. Place the
small ceramic capacitors physically close to the VIN and
between the VIN and GND.
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current (IRMS) of the bulk
input capacitor is calculated as the following equation:
IRMS OUT
where D is the duty cycle of the power MOSFET.
For a through hole design, several electrolytic capacitors
maybe needed. For surface mount designs, solid tantalum
capacitors can be used, but caution must be exercised with
regard to the capacitor surge current rating.
Output Capacitor Selection
An output capacitor is required to filter the output and
supply the load transient current. The filtering requirements
are the function of the switching frequency and the ripple
current (DI). The output ripple is the sum of the voltages,
having phase shift, across the ESR and the ideal output
capacitor. The peak-to-peak voltage of the ESR is calculated
as the following equations:
VOUTVINVOUT
FOSC
VESR
The peak- to-peak voltage of the ideal output capacitor is
calculated as the following equations:
∆VCOUT ∆IOSC OUT
For the applications using bulk capacitors, the VCOUT is much
smaller than the VESR and can be ignored. Therefore the AC
peak-to-peak output voltage (
∆VOUT)isshownbelow:
∆VOUT
For the applications using bulk capacitors, the VESR is much
smaller than the ΔVCOUT and can be ignored Therefore, the
AC peak-to-peak output voltage(ΔVOUT) is to ΔVCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com