Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 10Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 11Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 12Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FAC2786FE
2015.01.26
12/13
Revision No : 0
Output Capacitor Selection
The load transient requirements are the function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout. High frequency capacitors
initially supply the transient and slow the current load rate
seen by the bulk capacitors. The bulk filter capacitor
values are generally determined by the ESR and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. An aluminum electrolytic capacitor’s ESR value
is related to the case size with lower ESR available in larger
case sizes. However, the Equivalent Series Inductance (ESL)
of these capacitors increases with case size and can reduce
the usefulness of the ca- pacitor to high slew-rate transient
loading.
Inductor Value Calculation
The operating frequency and inductor selection are
interrelated in that higher operating frequencies permit the
use of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses. The
equation shows that the inductance value has a direct effect
on ripple current.
Accepting larger values of ripple current allows the use of
low inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is ΔI≤0.4 x IOUT(max). Please be
noticed that the maximum ripple current occurs at the
maximum input voltage. The minimum inductance of the
inuctor is calculated by using the following equation:
VOUT IN OUTIN
VOUT IN OUTIN
Where
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com