Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC2786FE Datasheet HTML 1Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 2Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 3Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 4Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3A , 30V Synch onus Rectified Step Down Conver er
SEMICONDUCTOR
TECHNICAL D ATA
FAC2786FE
2015.01. 26
1/13
Revision No : 0
General Description
FTD2786 is a 3A synchronous buck converter with integrated
power MOSFETs. The FAC2786 design with a current-mode
control scheme, can convert wide input voltage of 4.5V to
30V to the output voltage adjustable from 0.92V to 28V to
provide excellent output voltage regulation.
The FAC2786 is equipped with an automatic PFM/PWM mode
operation. At light load, the IC operates in the PFM mode to
reduce the switching losses. At heavy load, the IC works in
PWM mode.
The FAC2786 is also equipped with Power-on-reset, soft- start,
and whole protections (over-temperature, and current-limit)
into a single package.
This device, available SOP-8E provides a very compact
system solution external components and PCB area.
Features
Wide Input Voltage from 4.5V to 30V
3A Continuous Output Current
Adjustable Output Voltage from 0.92V to 28V
Integrated N-MOSFET
Fixed 340kHz Switching Frequency
PFM/PWM mode Operation
Stable with Low ESR Capacitors
Power-On-Reset Detection
Programmable Soft-Start
Over-Temperature Protection
Over-Voltage Protection
Current-Limit Protection with Frequency Foldback
Enable/Shutdown Function
Lead Free and Green Devices Available(RoHS
Compliant)
Applications
 Distributed Power Systems
 Networking Systems
 FPGA, DSP, ASIC Power Supplies
 Green Electronics/ Appliances
Notebook Computers
Pin Configurations
Figure1 Pin Configuration of FAC2786FE (Top View)


Similar Part No. - FAC2786FE

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
FAC2596 FS-FAC2596 Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596DD3.3R FS-FAC2596DD3.3R Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596DD5.0R FS-FAC2596DD5.0R Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
FAC2596DDADR FS-FAC2596DDADR Datasheet
789Kb / 16P
3A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC2786FE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303A MPS-MP2303A Datasheet
441Kb / 15P
3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
MP28315 MPS-MP28315 Datasheet
363Kb / 11P
3A, 16V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
3A 32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
TD2786 TECHCODE-TD2786 Datasheet
606Kb / 16P
3A 30V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com