Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC2786FE Datasheet HTML 1Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 2Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 3Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 4Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FAC2786FE
2015.01. 26
4/13
Revision No : 0
ESD (HBM)
2000
V
MSL
Level3
Junction to Ambient Resistance in Free Air
θJA
50
℃
/W
Junction to Case Resistance in Free Air
θJC
10
℃
/W
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input voltage
VIN
4.5
30
V
Output voltage
Vout
0.925
28
V
Converter output current
Iout
0
3
A
Operating junction temperature
TJ
-40
125
℃
Operating ambient temperature
TA
-40
85
℃
Electrical Characteristics
VIN =12V, Vout=3.3V,VEN=3V,TA =+25℃, unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Units
SUPPLY CURRENT
VIN Supply Current
IVIN
VFB=1V, VEN=3V, SW=NC
-
1.9
-
mA
VIN Shutdown Supply Current
IVIN_SD
VEN=0V
-
0.3
-
uA
POWER-ON-RESET (POR)
VIN POR Voltage Threshold
VIN Rising
3.8
4.1
4.4
V
VIN POR Hysteresis
-
0.3
-
V
REFERENCE VOLTAGE
Reference Voltage
VREF
Regulated on FB pin
0.9
0.92
0.946
V
OSCILLATOR AND DUTY CYCLE
Oscillator Frequency
FOSC
300
340
380
kHz
Foldback Frequency
VFB=0V
-
110
-
kHz
Maximum Converter’s Duty
-
90
-
%
Minimum On Time
-
220
-
ns
PFM MODE OPERATION
PFM Mode Current Limit
IPK_PFM
-
0.8
-
A
PWM to PFM Inductor Peak Threshold
IPK_TH
-
0.6
-
A
POWER MOSFET
High/low Side MOSFET On Resistance
-
110
-
mΩ
High/Low Side MOSFET Leakage
Current
VEN=0V, VLX=0V
-
-
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com