Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC2786FE Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FAC2786FE
Description  3A , 30V Synch onus Rectified Step Down Conver er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC2786FE Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FAC2786FE Datasheet HTML 1Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 2Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 3Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 4Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC2786FE Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FAC2786FE
2015.01. 26
2/13
Revision No : 0
Pin Description
Pin Number
Pin Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the voltage to drive the high-side
N-channel MOSFET. At least 10nF capacitor should be connected from SW to BS to
supply the high side switch.
2
VIN
Power Input. VIN supplies the power (4.5V to 30V) to the control circuitry, gate drivers
and step-down converter switches. Connecting a ceramic bypass capacitor and a
suitably large capacitor between VIN and GND eliminates switching noise and voltage
ripple on the input to the IC.
3
SW
Power Switching Output. SW is the Drain of the N-Channel power MOSFET to supply
power to the output LC filter.
4
GND
Ground.
5
FB
Output feedback Input. The FAC2786 senses the feedback voltage via FB and regulates
the voltage at 0.92V. Connecting FB with a resistor-divider from the converter’s output
sets the output voltage from 0.92V to 28V.
6
COMP
Output of the error amplifier. Connect a series RC network from COMP to GND to
compensate the regulation control loop. In some cases, an additional capacitor from
COMP to GND is required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Pull up with 100k
resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS
to GND to set the soft-start period. A 0.1
µF capacitor sets the soft-start period to
15ms. To disable the soft-start feature, leave SS unconnected.
Ordering Information
FAC2786
Circuit Type
FE
Package: SOP-8E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com