Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBEH21 Datasheet HTML 2Page - STMicroelectronics LNBEH21 Datasheet HTML 3Page - STMicroelectronics LNBEH21 Datasheet HTML 4Page - STMicroelectronics LNBEH21 Datasheet HTML 5Page - STMicroelectronics LNBEH21 Datasheet HTML 6Page - STMicroelectronics LNBEH21 Datasheet HTML 7Page - STMicroelectronics LNBEH21 Datasheet HTML 8Page - STMicroelectronics LNBEH21 Datasheet HTML 9Page - STMicroelectronics LNBEH21 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LNBEH21
6/22
DATA VALIDITY
As shown in fig. 4, the data on the SDA line must be stable during the high period of the clock. The HIGH
and LOW state of the data line can only change when the clock signal on the SCL line is LOW.
START AND STOP CONDITIONS
As shown in fig. 5 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The
stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH. A STOP conditions must
be sent before each START condition.
BYTE FORMAT
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an acknowledge
bit. The MSB is transferred first.
ACKNOWLEDGE
The master (µP) puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig.
6). The peripheral (LNBEH21) that acknowledges has to pull-down (LOW) the SDA line during the
acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse. The peripheral which
has been addressed has to generate an acknowledge after the reception of each byte, otherwise the SDA
line remains at the HIGH level during the ninth clock pulse time. In this case the master transmitter can
generate the STOP information in order to abort the transfer. The LNBEH21 won't generate the
acknowledge if the VCC supply is below the Undervoltage Lockout threshold (6.7V typ.)
TRANSMISSION WITHOUT ACKNOWLEDGE
Avoiding to detect the acknowledge of the LNBEH21, the µP can use a simpler transmission: simply it
waits one clock without checking the slave acknowledging, and sends the new data.
This approach of course is less protected from misworking and decreases the noise immunity.
Figure 4: Data Validity On The I2C Bus
Figure 5: Timing Diagram On I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com