Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LNBEH21 Datasheet HTML 10Page - STMicroelectronics LNBEH21 Datasheet HTML 11Page - STMicroelectronics LNBEH21 Datasheet HTML 12Page - STMicroelectronics LNBEH21 Datasheet HTML 13Page - STMicroelectronics LNBEH21 Datasheet HTML 14Page - STMicroelectronics LNBEH21 Datasheet HTML 15Page - STMicroelectronics LNBEH21 Datasheet HTML 16Page - STMicroelectronics LNBEH21 Datasheet HTML 17Page - STMicroelectronics LNBEH21 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LNBEH21
14/22
THERMAL DESIGN NOTES
During normal operation, this device dissipates some power. The power dissipation depends on the
selected communication mode (DiSEqC or 13/18 control word communication).
When the device is used in DiSEqC mode, at maximum rated output current (750mA), the voltage drop on
the linear regulator lead to a total dissipated power that is about 1.65W.
If the control word communication mode is selected, at maximum rated current of 450mA, the total power
dissipated is about 1W. By the way, during the 13/18V pulses code transmission (OM=VOM=1) the
average power dissipation is higher than 1W because, in this case, before to start sending the 13/18V
pulses code, the VUP voltage must be forced in steady state at 21.7V by VOM=1, (22.7V if LLC=1) in order
to ensure the proper code transition rise and fall timing while the VOUT voltage is continuously switched
between 13V and 18V; this means that, in the 13V half period the peak of power dissipation is about 3.8W
typ. (@ Iout=450mA max.). Obviously this is the peak power dissipation as the average value during the
code transmission has to be calculated taking into account the 0/1 bits combination.
The heat generated requires a suitable heatsink to keep the junction temperature below the
overtemperature protection threshold. Assuming a 45°C temperature inside the Set-Top-Box case and a
max continuos power dissipation of 1.65W, the total Rthj-amb has to be less than 48°C/W.
While this can be easily achieved using a through-hole power package that can be attached to a small
heatsink or to the metallic frame of the receiver, a surface mount power package must rely on PCB
solutions whose thermal efficiency is often limited. The simplest solution is to use a large, continuous
copper area of the pcb ground layer to dissipate the heat coming from the IC body by mean the ground
exposed pad present on the bottom side of the PSO-20 package.
Given for the PSO-20 an Rthj-case equal to 2°C/W, a maximum of 46°C/W are left to the PCB heatsink.
This figure is achieved if a minimum of 6.5cm2 copper area is placed just below the IC body. This area can
be the inner GND layer of a multi-layer PCB, or, in a dual layer PCB, an unbroken GND area even on the
opposite side where the IC is placed. In figure 9, is shown a suggested layout for the PSO-20 package
with a dual layer PCB, where the IC exposed pad connected to GND and the square dissipating area are
thermally connected through 32 vias holes, filled by solder. This arrangement, when L=25mm, achieves
an Rthc-a of about 32°C/W.
Different layouts are possible, too. Basic principles, however, suggest to keep the IC and its ground
exposed pad approximately in the middle of the dissipating area; to provide as many vias as possible; to
design a dissipating area having a shape as square as possible and not interrupted by other copper
traces.
Figure 9: PowerSO-20 Suggested Pcb Heatsink Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com