Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 5 Page - STMicroelectronics

  LNBEH21 Datasheet HTML 1Page - STMicroelectronics LNBEH21 Datasheet HTML 2Page - STMicroelectronics LNBEH21 Datasheet HTML 3Page - STMicroelectronics LNBEH21 Datasheet HTML 4Page - STMicroelectronics LNBEH21 Datasheet HTML 5Page - STMicroelectronics LNBEH21 Datasheet HTML 6Page - STMicroelectronics LNBEH21 Datasheet HTML 7Page - STMicroelectronics LNBEH21 Datasheet HTML 8Page - STMicroelectronics LNBEH21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LNBEH21
5/22
APPLICATION INFORMATION
This IC has a built in DC/DC Step-Up controller that, from a single supply source ranging from 8 to 15V,
generates the input voltages (VUP) that let the linear post-regulator to work at a minimum dissipated power
of 1.65W typ. @ 750mA load (the linear regulator drop voltage is internally kept at: VUP-VOUT=2.2V typ.).
An UnderVoltage Lockout circuit will disable the whole circuit when the supplied VCC drops below a fixed
threshold (6.7V typically).
All the functions of this IC are controlled via I2CTM bus by writing 6 bits on the System Register (SR, 8
bits). The same register can be read back, and two bits will report the diagnostic status. When the IC is put
in Stand-by (EN bit LOW), the power blocks are disabled.
The LNBEH21 is compliant both with the DiSEqCTM 2.0 specification and with the 13/18V Control Word
Communication Mode. The communication mode is selected by the “OM” I2CTM bit and, depending on the
OM bit status, the TEN/VSEL pin function (see block diagram) is switched to control the 13/18V output
voltage level or to enable the internal 22KHz tone generator when in DiSEqC mode. (refer to
Communication Mode section for details).
When the regulator blocks are active (EN bit = 1) and in DiSEqC mode (OM=0), the LNB output voltage
can also be logic controlled to select 13V or 19.5V by mean of the VOM bit. The control of the VOM bit on
the VUP voltage level depends on the OM bit status in order to allow the 13/18V Control Word
Communication (see Communication Mode section). Additionally, it is possible to increment by 1V (Typ.)
the selected output voltage value to compensate the excess voltage drop along the coaxial cable using
the LLC SR bit (LLC=1).
In order to improve design flexibility and to allow implementation of newcoming LNB remote control
standards, an analogic modulation input pin is available (EXTM). An appropriate DC blocking capacitor
must be used to couple the modulating signal source to the EXTM pin. Also in this case, the VOTX output
must be set ON during the tone transmission by setting the TTX bit High. When the external modulation
is not used, the relevant pin can be left open.
The current limitation block is SOA type and it is possible to select two current limit thresholds, by the
dedicated ISEL pin. The higher threshold is in the range of 750mA to 1A if the ISEL is left floating or
connected a voltage >3.3V. The lower threshold is in the range of 450mA to 700mA when the ISEL pin is
connected to ground. When the output port is shorted to ground, the SOA current limitation block limits the
short circuit current (ISC) at typically 300mA, to reduce the power dissipation. Moreover, it is possible to
set the Short Circuit Current protection either statically (simple current clamp) or dynamically by the PCL
bit of the I2C SR; when the PCL (Pulsed Current Limiting) bit is set to LOW, the overcurrent protection
circuit works dynamically, as soon as an overload is detected, the output is shut-down for a time TOFF,
typically 900ms. Simultaneously the OLF bit of the System Register is set to HIGH. After this time has
elapsed, the output is resumed for a time TON=1/10TOFF (typ.). At the end of Ton, if the overload is still
detected, the protection circuit will cycle again through TOFF and TON. At the end of a full TON in which no
overload is detected, normal operation is resumed and the OLF bit is reset to LOW. Typical TON+TOFF
time is 990ms and it is determined by an internal timer. This dynamic operation can greatly reduce the
power dissipation in short circuit condition, still ensuring excellent power-on start up in most conditions.
However, there could be some cases in which an highly capacitive load on the output may cause a difficult
start-up when the dynamic protection is chosen. This can be solved by initiating any power start-up in
static mode (PCL=HIGH) and then switching to the dynamic mode (PCL=LOW) after a chosen amount of
time. When in static mode, the OLF bit goes HIGH when the current clamp limit is reached and returns
LOW when the overload condition is cleared.
This IC is also protected against overheating: when the junction temperature exceeds 150°C (typ.), the
step-up converter and the linear regulator are shut off, and the OTF SR bit is set to HIGH. Normal
operation is resumed and the OTF bit is reset to LOW when the junction is cooled down to 135°C (typ.).
(*): External components are needed to comply to bi-directional DiSEqCTM bus hardware requirements. Full compliance of the whole appli-
cation with DiSEqCTM specifications is not implied by the use of this IC.
I2C BUS INTERFACE
Data transmission from main µP to the LNBEH21 and vice versa takes place through the 2 wires I2C bus
interface, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage must be
externally connected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com