Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 1 Page - STMicroelectronics

  LNBEH21 Datasheet HTML 1Page - STMicroelectronics LNBEH21 Datasheet HTML 2Page - STMicroelectronics LNBEH21 Datasheet HTML 3Page - STMicroelectronics LNBEH21 Datasheet HTML 4Page - STMicroelectronics LNBEH21 Datasheet HTML 5Page - STMicroelectronics LNBEH21 Datasheet HTML 6Page - STMicroelectronics LNBEH21 Datasheet HTML 7Page - STMicroelectronics LNBEH21 Datasheet HTML 8Page - STMicroelectronics LNBEH21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
July 2004
s
COMPLETE INTERFACE BETWEEN LNB
AND I2CTM BUS
s
BUILT-IN DC/DC CONTROLLER FOR
SINGLE 12V SUPPLY OPERATION AND
HIGH EFFICIENCY (Typ. 94% @ 750mA)
s
TWO SELECTABLE OUTPUT CURRENT
LIMIT (450mA / 750mA)
s
ACCURATE BUILT-IN 22KHz TONE
OSCILLATOR SUITS WIDELY ACCEPTED
STANDARDS
s
FAST OSCILLATOR START-UP FACILITATES
DiSEqCTM ENCODING
s
BUILT-IN 22KHz TONE DETECTOR
SUPPORTS BI-DIRECTIONAL DiSEqCTM 2.0
s
13/18V CONTROL WORD
COMMUNICATION
s
SEMI-LOWDROP POST REGULATOR AND
HIGH EFFICIENCY STEP-UP PWM FOR
LOW POWER LOSS: Typ. 0.56W @ 125mA
s
TWO OUTPUT PINS SUITABLE TO BYPASS
THE OUTPUT R-L FILTER AND AVOID ANY
TONE DISTORSION (R-L FILTER AS PER
DiSEqC 2.0 SPECs, SEE APPLICATION
CIRCUIT)
s
CABLE LENGTH DIGITAL COMPENSATION
s
OVERLOAD AND OVER-TEMPERATURE
INTERNAL PROTECTIONS I2C WITH
DIAGNOSTIC BITs
s
LNB SHORT CIRCUIT SOA PROTECTION
WITH I2C DIAGNOSTIC BIT
s
+/- 4KV ESD TOLERANT ON INPUT/
OUTPUT POWER PINS
DESCRIPTION
Intended for analog and digital satellite STB
receivers/SatTV, sets/PC cards, the LNBEH21 is
a monolithic voltage regulator and interface IC,
assembled
in
POWER
SO-20,
specifically
designed to provide the 13/18V power supply and
the
22KHz
tone
signalling
to
the
LNB
downconverter in the antenna or to the multiswitch
box. The LNBEH21 supports both methods of
communication currently used, 13/18V Control
Word
Communication
Mode
and
DiSEqCTM
communication. In this application field, it offers a
complete solution with extremely low component
count, low power dissipation together with simple
design and I2CTM standard interfacing.
LNBEH21
LNB SUPPLY AND CONTROL IC WITH
STEP-UP CONVERTER AND I2C INTERFACE
TEN/VSEL
Enable
Preregul.+
U.V.lockout
+P.ON res.
V Select
Linear Post-reg
+Modulator
+Protections
Vup
VoRX
SDA
SCL
Vcc
Diagnostics
I²C interf.
Tone
Detector
DSQOUT
VoTX
DETIN
LNBEH21
Byp
Gate
Sense
EXTM
ADDR
Vup-Feedback
Step-up PWM
Controller
ISEL
Oscill.
13/18V control
Tone control
OM=low
OM=High
Echo-pulses control
TRISE= TFALL = 500µs
22KHz
BLOCK DIAGRAM
PowerSO-20
Rev. 1


Similar Part No. - LNBEH21

ManufacturerPart #DatasheetDescription
logo
Make-Ps
LNB MAKE-PS-LNB Datasheet
173Kb / 4P
Single Output DC/DC Converter
logo
SAB North America
LNB-1 SAB-LNB-1 Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
LNB-1/2 SAB-LNB-1/2 Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
LNB-3/4 SAB-LNB-3/4 Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
LNB-3/8 SAB-LNB-3/8 Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
More results

Similar Description - LNBEH21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Nov-2002
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
05-Oct-2004
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
LNBH29 STMICROELECTRONICS-LNBH29 Datasheet
1Mb / 31P
LNB supply and control IC with step-up and I²C interface
15-Mar-2013
LNBH25LS STMICROELECTRONICS-LNBH25LS Datasheet
1Mb / 30P
LNB supply and control IC with step-up and I²C interface
March 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com