Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBEH21 Datasheet HTML 9Page - STMicroelectronics LNBEH21 Datasheet HTML 10Page - STMicroelectronics LNBEH21 Datasheet HTML 11Page - STMicroelectronics LNBEH21 Datasheet HTML 12Page - STMicroelectronics LNBEH21 Datasheet HTML 13Page - STMicroelectronics LNBEH21 Datasheet HTML 14Page - STMicroelectronics LNBEH21 Datasheet HTML 15Page - STMicroelectronics LNBEH21 Datasheet HTML 16Page - STMicroelectronics LNBEH21 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LNBEH21
13/22
Table 6: Gate And Sense Electrical Characteristics (TJ = 0 to 85°C, VI = 12V)
Table 7: I2C Electrical Characteristics (TJ = 0 to 85°C, VI = 12V)
Table 8: Address Pin Characteristics (TJ = 0 to 85°C, VIN=12V)
IOBK
Output Backward Current
EN=0
VOBK = 18V
-6
-15
mA
TSHDN Temperature Shutdown
Threshold
150
°C
∆T
SHDN
Temperature Shutdown
Hysteresis
15
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDSON-L Gate LOW RDSON
IGATE= -100mA
4.5
RDSON-H Gate HIGH RDSON
IGATE= 100mA
4.5
VSENSE Current Limit Sense Voltage
200
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
LOW Level Input Voltage
SDA, SCL
0.8
V
VIH
HIGH Level Input Voltage
SDA, SCL
2
V
II
Input Current
SDA, SCL, VI = 0.4 to 4.5V
-10
10
µA
VOL
Low Level Output Voltage
SDA (open drain), IOL = 6mA
0.6
V
fMAX
Maximum Clock Frequency SCL
500
KHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VADDR-1 "0001000" Addr Pin Voltage
0
0.7
V
VADDR-2 "0001001" Addr Pin Voltage
1.3
1.7
V
VADDR-3 "0001010" Addr Pin Voltage
2.3
2.7
V
VADDR-4 "0001011" Addr Pin Voltage
3.3
5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com