Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 2 Page - STMicroelectronics

  LNBEH21 Datasheet HTML 1Page - STMicroelectronics LNBEH21 Datasheet HTML 2Page - STMicroelectronics LNBEH21 Datasheet HTML 3Page - STMicroelectronics LNBEH21 Datasheet HTML 4Page - STMicroelectronics LNBEH21 Datasheet HTML 5Page - STMicroelectronics LNBEH21 Datasheet HTML 6Page - STMicroelectronics LNBEH21 Datasheet HTML 7Page - STMicroelectronics LNBEH21 Datasheet HTML 8Page - STMicroelectronics LNBEH21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LNBEH21
2/22
Table 1: Ordering Codes
Table 2: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 3: Thermal Data
Figure 1: Pin Configuration (top view)
TYPE
PowerSO-20
(Tube)
PowerSO-20
(Tape & Reel)
LNBEH21
LNBEH21PD
LNBEH21PD-TR
Symbol
Parameter
Value
Unit
VCC
DC Input Voltage
-0.3 to 16
V
VUP
DC Input Voltage
-03 to 25
V
IO
Output Current
Internally Limited
mA
VOTX/RX DC Output Pins Voltage
-0.3 to 25
V
VI
Logic Input Voltage (SDA, SCL, DSQIN, ISEL)
-0.3 to 7
V
VDETIN
Detector Input Signal Amplitude
-0.3 to 2
VPP
VOH
Logic High Output Voltage (DSQOUT)
-0.3 to 7
V
IGATE
Gate Current
± 400
mA
VSENSE
Current Sense Voltage
-0.3 to 1
V
VADDRESS Address Pin Voltage
-0.3 to 7
V
Tstg
Storage Temperature Range
-40 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com