Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 3 Page - STMicroelectronics

  LNBEH21 Datasheet HTML 1Page - STMicroelectronics LNBEH21 Datasheet HTML 2Page - STMicroelectronics LNBEH21 Datasheet HTML 3Page - STMicroelectronics LNBEH21 Datasheet HTML 4Page - STMicroelectronics LNBEH21 Datasheet HTML 5Page - STMicroelectronics LNBEH21 Datasheet HTML 6Page - STMicroelectronics LNBEH21 Datasheet HTML 7Page - STMicroelectronics LNBEH21 Datasheet HTML 8Page - STMicroelectronics LNBEH21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LNBEH21
3/22
Table 4: Pin Description
PIN N°
SYMBOL
NAME
FUNCTION
18
VCC
Supply Input
8V to 15V IC supply. A 220µF bypass capacitor to GND with a 470nF
(ceramic) in parallel is recommended
17
GATE
External Switch Gate
External MOS switch Gate connection of the step-up converter
16
SENSE
Current Sense Input
DC/DC Current Sense comparator input. Connected to current
sensing resistor
19
VUP
Step-up Voltage
Input of the linear post-regulator. The voltage on this pin is monitored
by internal step-ut controller to keep a minimum dropout across the
linear pass transistor.
2VORX
Output Port during
22KHz Tone RX
RX Output to the LNB in DiSEqC 2.0 application. See truth tables for
voltage selections and Communication Mode section for details.
12
SDA
Serial Data
Bidirectional data from/to I2C bus.
13
SCL
Serial Clock
Clock from I2C bus.
14
TEN/VSEL DiSEqC or 13/18V
TTL Logic Input
Depending on the value set for OM bit this pin enable/disable the
internal 22KHz tone generator (OM=0) or switch the output voltage
from 13V to 18V and vice versa (OM=1)
9
DETIN
Tone Detector Input
22kHz Tone Detector Input. Must be AC coupled to the DiSEqC 2.0
bus.
15
DSQOUT
DiSEqC Output
Open drain output of the tone Detector to the main
µcontroller for
DiSEqC 2.0 data decoding. It is set LOW when a 22 KHz tone is
detected.
5
EXTM
External Modulator
External Modulation Input acts on VOTX. Needs DC decoupling to the
AC source. If not used, can be left open.
1, 6, 10,
11, 20
GND
GROUND
Pins connected to Ground. Also internally connected to the die frame
(exposed pad) for heat dissipation.
8
BYP
Bypass Capacitor
Needed for internal preregulator filtering
3
ISEL
Current Limit Select
Set high or floating for IO ≤ 750mA, connect to ground for IO ≤ 450mA.
4VOTX
Output Port during
22KHz Tone TX
Output of the linear post-regulator/modulator to the LNB. See truth
tables for voltage selections.
7
ADDR
Address Setting
Four I2C bus addresses available by setting the Address Pin level
voltage. See address pin characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com