Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 18Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Information (Continued)
PRE-BIAS LOAD STARTUP
Should the LM2696 start into a pre-biased load the output
will not be pulled low. This is because the part is asynchro-
nous and cannot sink current. The part will respond to a
pre-biased load by simply enabling PWM high or extending
the off-time until regulation is achieved. This is to say that if
the output voltage is greater than the regulation voltage the
off-time will extend until the voltage discharges through the
feedback resistors. If the load voltage is greater than the
regulation voltage, a series of pulses will charge the output
capacitor to its regulation voltage.
THERMAL CONSIDERATIONS
The thermal characteristics of the LM2696 are specified
using the parameter
θ
JA, which relates the junction tempera-
ture to the ambient temperature. While the value of
θ
JA is
specific to a given set of test parameters (including board
thickness, number of layers, orientation, etc), it provides the
user with a common point of reference.
To obtain an estimate of a devices junction temperature, one
may use the following relationship:
T
J =PIN (1-Efficiency) x
θ
JA +TA
Where:
T
J is the junction temperature in
oC
P
IN is the input power in Watts (PIN =VIN·IIN)
θ
JA is the thermal coefficient of the LM2696
T
A is the ambient temperature in
oC
LAYOUT CONSIDERATIONS
The LM2696 regulation and under-voltage comparators are
very fast and will respond to short duration noise pulses.
Layout considerations are therefore critical for optimum per-
formance. The components at pins 5, 6, 7, 12 and 13 should
be as physically close as possible to the IC, thereby mini-
mizing noise pickup in the PC traces. If the internal dissipa-
tion of the LM2696 produces excessive junction tempera-
tures during normal operation, good use of the PC board’s
ground plane can help considerably to dissipate heat. The
exposed pad on the bottom of the TSSOP-16 package can
be soldered to a ground plane on the PC board, and that
plane should extend out from beneath the IC to help dissi-
pate the heat. Use of several vias beneath the part is also an
effective method of conducting heat. Additionally, the use of
wide PC board traces, where possible, can also help con-
duct heat away from the IC. Judicious positioning of the PC
board within the end product, along with use of any available
air flow (forced or natural convection) can help reduce the
junction temperatures. Traces in the power plane (Figure 9)
should be short and wide to minimize the trace impedance;
they should also occupy the smallest area that is reasonable
to minimize EMI. Sizing the power plane traces is a tradeoff
between current capacity, inductance, and thermal dissipa-
tion. For more information on layout considerations, please
refer to National Semiconductor Application Note AN-1229.
20153450
FIGURE 9. Bold Traces Are In The Power Plane
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com