Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 18Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
LINE REGULATION
The LM2696 regulates to the lowest point of the output
voltage (V
L in Figure 8 ). This is to say that the output voltage
may be represented by a waveform that is some average
voltage with ripple. The LM2696 will regulate to the trough of
the ripple.
The output voltage is given by the following relationship:
as discussed in the Feedback Resistor section of this docu-
ment.
TRANSIENT RESPONSE
Constant on-time architectures have inherently excellent
transient line and load response. This is because the control
loop is extremely fast. Any change in the line or load condi-
tions will result in a nearly instantaneous response in the
PWM off time.
If one considers the switcher response to be nearly cycle-
by-cycle, and amount of energy contained in a single PWM
pulse, there will be very little change in the output for a given
change in the line or load.
EFFICIENCY
The constant on-time architecture features high efficiency
even at light loads. The ability to achieve high efficiency at
light loads is due to the fact that the off-time will become
necessarily long at light loads. Having extended the off-time,
there is little mechanism for loss during this interval.
The efficiency is easily estimated using the following rela-
tionships:
Power loss due to FET:
P
FET =PC +PGC +PSW
Where:
P
C =D • (IOUT
2 • R
DS_ON)
P
GC =AVIN +VGS • QGS • fSW
P
SW = 0.5 • VIN ·IOUT • (tr +tf) • fSW
Typical values are:
R
DS_ON = 130 m
Ω
V
GS =4V
Q
GS = 13.3 nC
t
r = 3.8 ns
t
f = 4.5 ns
Power loss due to catch diode:
P
D = (1-D) • (IOUT • Vf)
Power loss due to DCR and ESR:
P
DCR =IOUT
2 • R
DCR
P
ESR_OUTPUT =IRIPPLE
2/
√12 • R
ESR_OUTPUT
P
ESR_INPUT =IOUT
2(D(1-D)) • R
ESR_INPUT
Power loss due to Controller:
P
CONT =VIN • IQ
I
Q is typically 1.3 mA
The efficiency may be calculated as shown below:
Total power loss = P
FET +PD +PDCR +PESR_OUTPUT +
P
ESR_INPUT +PCONT
Power Out = I
OUT • VOUT
20153446
FIGURE 7. Parasitic Tank Circuit at the Switchpin
20153447
FIGURE 8. Average Output Voltage and Regulation Point
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com