Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2696MXAX Datasheet HTML 1Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 2Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 3Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 4Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 5Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 6Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 7Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 8Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to GND
AVIN
−0.3V to +26V
PVIN
−0.3V to (AV
IN+0.3V)
CBOOT
−0.3V to +33V
CBOOT to SW
−0.3V to +7V
FB, SD, SS, PGOOD
−0.3V to +7V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Minimum ESD Rating
1.5 kV
Operating Range
Junction
Temperature
−40˚C to +125˚C
AVIN to GND
4.5V to 24V
PVIN
4.5V to 24V
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those in boldface
type apply over the full Operating Temperature Range (T
J = −40˚C to +125˚C). Minimum and Maximum limits are guaran-
teed through test, design or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C and
are provided for reference purposes only. Unless otherwise specified V
IN = 12V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
FB
Feedback Pin Voltage
V
IN = 4.5V to 24V
I
SW =0Ato3A
1.225
1.254
1.282
V
I
CL
Switch Current Limit
V
CBOOT =VSW +5V
3.6
4.9
6.4
A
R
DS_ON
Switch On Resistance
I
SW = 3A
0.13
0.22
Ω
I
Q
Operating Quiescent Current
V
FB = 1.5V
1.3
2
mA
V
UVLO
AVIN Under Voltage Lockout
Rising V
IN
3.9
4.125
4.3
V
V
UVLO HYS
AVIN Under Voltage Lockout Hysteresis
60
120
mV
I
SD
Shutdown Quiescent Current
V
SD =0V
12
25
µA
k
ON
Switch On-Time Constant
I
ON =50µAto100 µA
50
66
82
µA µs
V
DON
R
ON Voltage
0.35
0.65
0.95
V
T
OFF_MIN
Minimum Off Time
FB = 1.24V
FB=0V
165
12
250
30
ns
µs
T
ON MIN
Minimum On-time
400
ns
V
EXTVCC
EXTV
CC Voltage
3.30
3.65
4.00
V
∆V
EXTVCC
EXTV
CC Load Regulation
I
EXTVCC = 0 µA to 50 µA
0.03
0.5
%
V
PWRGD
PGOOD Threshold (PGOOD Transition
from Low to High)
With respect to V
FB
91.5
93.5
95.5
%
V
PG_HYS
PGOOD Hysteresis
1
2.1
%
I
OL
PGOOD Low Sink Current
V
PGOOD = 0.4V
0.5
2mA
I
OH
PGOOD High Leakage Current
50
nA
I
FB
Feedback Pin Bias Current
V
FB = 1.2V
0
nA
I
SS_SOURCE
Soft-Start Pin Source Current
V
SS =0V
0.7
1
1.4
µA
I
SS SINK
Soft-Start Pin Sink Current
V
SS = 1.2V
V
SD =0V
15
mA
I
SD
Shutdown Pull-Up Current
V
SD =0V
1
3
µA
V
IH
SD Pin Minimum High Input Level
1.8
V
V
IL
SD Pin Maximum Low Input Level
0.6
V
θ
J-A
Thermal Resistance
35.1
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics.
Note 2: Without PCB copper enhancements. The maximum power dissipation must be derated at elevated temperatures and is limited by TJMAX (maximum junction
temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power dissipation at any temperature is: PDissMAX =(TJMAX
-TA)/θJ-A up to the value listed in the Absolute Maximum Ratings. θJ-A for TSSOP-16 package is 38.1˚C/W, TJMAX = 125˚C.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com