Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 3Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 4Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 5Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 6Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 7Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 8Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 9Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 10Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Block Diagram
20153419
Application Information
CONSTANT ON-TIME CONTROL OVERVIEW
The LM2696 buck DC-DC regulator is based on the constant
on-time control scheme. This topology relies on a fixed
switch on-time to regulate the output. The on-time can be set
manually by adjusting the size of an external resistor (R
ON).
The LM2696 automatically adjusts the on-time inversely with
the input voltage (AV
IN) to maintain a constant frequency. In
continuous conduction mode (CCM) the frequency depends
only on duty cycle and on-time. This is in contrast to hyster-
etic regulators where the switching frequency is determined
by the output inductor and capacitor. In discontinuous con-
duction mode (DCM), experienced at light loads, the fre-
quency will vary according to the load. This leads to high
efficiency and excellent transient response.
The on-time will remain constant for a given V
IN unless an
over-current or over-voltage event is encountered. If these
conditions are encountered the FET will turn off for a mini-
mum pre-determined time period. This minimum T
OFF (250
ns) is internally set and cannot be adjusted. After the T
OFF
period has expired the FET will remain off until the compara-
tor trip-point has been reached. Upon passing this trip-point
the FET will turn back on, and the process will repeat.
Switchers that regulate using an internal comparator to
sense the output voltage for switching decisions, such as
hysteretic or constant on-time, require a minimum ESR. A
minimum ESR is required so that the control signal will be
dominated by ripple that is in phase with the switchpin. Using
a control signal dominated by voltage ripple that is in phase
with the switchpin eliminates the need for compensation,
thus reducing parts count and simplifying design. Alterna-
tively, an RC feed forward scheme may be used to eliminate
the need for a minimum ESR.
INTERNAL OPERATION
UNDER-VOLTAGE COMPARATOR
An internal comparator is used to monitor the feedback pin
for sensing under-voltage output events. If the output voltage
drops below the UVP threshold the power-good flag will fall.
ON-TIME GENERATOR SHUTDOWN
The on-time for the LM2696 is inversely proportional to the
input voltage. This scheme of on-time control maintains a
constant frequency over the input voltage range. The on-
time can be adjusted by using an external resistor connected
between the PVIN and RON pins.
CURRENT LIMIT
The LM2696 contains an intelligent current limit off-timer. If
the peak current in the internal FET exceeds 4.9A the
present on-time is terminated; this is a cycle-by-cycle current
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com