Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2696MXAX Datasheet HTML 1Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 2Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 3Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 4Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 5Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 6Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 7Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 8Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2696
3A, Constant On Time Buck Regulator
General Description
The LM2696 is a pulse width modulation (PWM) buck regu-
lator capable of delivering up to 3A into a load. The control
loop utilizes a constant on-time control scheme with input
voltage feed forward. This provides a topology that has
excellent transient response without the need for compen-
sation. The input voltage feed forward ensures that a con-
stant switching frequency is maintained across the entire V
IN
range.
The LM2696 is capable of switching frequencies in the range
of 100 kHz to 500 kHz. Combined with an integrated 130 m
Ω
high side NMOS switch the LM2696 can utilize small sized
external components and provide high efficiency. An internal
soft-start and power-good flag are also provided to allow for
simple sequencing between multiple regulators.
The LM2696 is available with an adjustable output in an
exposed pad TSSOP-16 package.
Features
n
Input voltage range of 4.5V–24V
n
Constant On-Time
n
No compensation needed
n
Maximum Load Current of 3A
n
Switching frequency of 100 kHz–500 kHz
n
Constant frequency across input range
n
TTL compatible shutdown thresholds
n
Low standby current of 12 µA
n
130 m
Ω internal MOSFET switch
Applications
n
High efficiency step-down switching regulators
n
LCD Monitors
n
Set-Top Boxes
Typical Application Circuit
20153401
October 2005
© 2005 National Semiconductor Corporation
DS201534
www.national.com


Similar Part No. - LM2696MXAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2696MXAX/NOPB TI-LM2696MXAX/NOPB Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
LM2696MXAX/NOPB TI2-LM2696MXAX/NOPB Datasheet
669Kb / 31P
LM2696 3A, Constant On Time Buck Regulator
REVISED APRIL 2013
LM2696MXAX/NOPB.A TI2-LM2696MXAX/NOPB.A Datasheet
669Kb / 31P
LM2696 3A, Constant On Time Buck Regulator
REVISED APRIL 2013
LM2696MXAX/NOPB.B TI2-LM2696MXAX/NOPB.B Datasheet
669Kb / 31P
LM2696 3A, Constant On Time Buck Regulator
REVISED APRIL 2013
More results

Similar Description - LM2696MXAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM2696 TI-LM2696_15 Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com