Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 9Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 10Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Information (Continued)
Legend:
t
1: Min off-time (165 ns typical)
t
2: On-time (set by the user)
t
3: Min off-time (165 ns typical)
t
4: Blanking time (165 ns typical)
t
5: Extended off-time (12 µs typical)
V
L: UVP threshold
The last benefit of this scheme is when the short circuit is
removed, and full load is re-applied, the part will automati-
cally recover into the load. The variation in the off-time
removes the constraints of other frequency fold back sys-
tems where the load would typically have to be reduced.
MODES OF OPERATION
Since the LM2696 utilizes a catch diode, whenever the load
current is reduced to a point where the inductor ripple is
greater than two times the load current, the part will enter
discontinuous operation. This is because the diode does not
permit the inductor current to reverse direction. The point at
which this occurs is the critical conduction boundary and can
be calculated by the following equation:
One advantage of the adaptive on-time control scheme is
that during discontinuous conduction mode the frequency
will gradually decrease as the load current decreases. In
DCM the switching frequency may be determined using the
relationship:
It can be seen that there will always be some minimum
switching frequency. The minimum switching frequency is
determined by the parameters above and the minimum load
presented by the feedback resistors. If there is some mini-
mum frequency of operation the feedback resistors may be
sized accordingly.
The adaptive on-time control scheme is effectively a pulse-
skipping mode, but since it is not tied directly to an internal
clock, its pulse will only occur when needed. This is in
contrast to schemes that synchronize to a reference clock
frequency. The constant on-time pulse-skipping/DCM mode
minimizes output voltage ripple and maximizes efficiency.
20153438
FIGURE 4. Fault Condition Timing
20153439
FIGURE 5. Normalized Output Voltage
Versus Load Current
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com