Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 10Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
Several diagrams are shown in Figure 6 illustrating continu-
ous conduction mode (CCM), discontinuous conduction
mode (DCM), and the boundary condition.
It can be seen that in DCM, whenever the inductor runs dry
the SW node will become high impedance. Ringing will occur
as a result of the LC tank circuit formed by the inductor and
the parasitic capacitance at the SW node.
20153442
20153443
20153444
20153445
FIGURE 6. Modes of Operation
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com