Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 4Page - Texas Instruments THS3201D Datasheet HTML 5Page - Texas Instruments THS3201D Datasheet HTML 6Page - Texas Instruments THS3201D Datasheet HTML 7Page - Texas Instruments THS3201D Datasheet HTML 8Page - Texas Instruments THS3201D Datasheet HTML 9Page - Texas Instruments THS3201D Datasheet HTML 10Page - Texas Instruments THS3201D Datasheet HTML 11Page - Texas Instruments THS3201D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
8
VS = ±7.5 V Graphs
Figure 1
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
NONINVERTING SMALL SIGNAL
FREQUENCY RESPONSE
RF = 619 Ω
RF = 768 Ω
RF = 1 kΩ
Gain = 2.
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
Figure 2
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
NONINVERTING SMALL SIGNAL
FREQUENCY RESPONSE
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
G = 10, RF = 487 Ω
G = 5, RF = 619 Ω
G = 2, RF = 768 Ω
G =1, RF = 1.2 kΩ
Figure 3
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
INVERTING SMALL SIGNAL
FREQUENCY RESPONSE
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
G = −10, RF = 499 Ω
G = −5, RF = 549 Ω
G = −2, RF = 576 Ω
G = −1, RF = 619 Ω
Figure 4
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
INVERTING LARGE SIGNAL
FREQUENCY RESPONSE
G =−5, RF = 576 Ω
G = 2, RF = 715 Ω
RL = 100 Ω,
VO = 2 VPP.
VS = ±7.5 V
Figure 5
−4
−2
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
INVERTING LARGE SIGNAL
FREQUENCY RESPONSE
G =−5, RF = 549 Ω
G = −1, RF = 576 Ω
RL = 100 Ω,
VO = 2 VPP.
VS = ±7.5 V
Figure 6
5.6
5.7
5.8
5.9
6.1
6.2
6.3
6.4
100 k
10 M
100 M
1 G
10 G
6
f − Frequency − Hz
0.1 dB GAIN FLATNESS
FREQUENCY RESPONSE
Gain = 2,
RF = 768 Ω,
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±7.5 V
1 M
Figure 7
−2
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
f − Frequency − MHz
CAPACITIVE LOAD
FREQUENCY RESPONSE
R(ISO) = 30 Ω, CL = 22 pF
R(ISO) = 20 Ω,
CL = 47 pF
Gain = 5
RF = 619 Ω
RL = 100 Ω
VS = ±7.5 V
R(ISO) = 20 Ω,
CL = 50 pF
R(ISO) = 15 Ω,
CL = 100 pF
Figure 8
0
10
20
30
40
50
60
10
100
CL − Capacitive Load − pF
RECOMMENDED RISO
vs
CAPACTIVE LOAD
Gain = 5,
RF = 619 Ω
RL = 100 Ω,
VS = ±7.5 V
_
+
RISO
CL
Figure 9
−100
−90
−80
−70
−60
−50
−40
1
10
100
VO = 2 VPP,
RL = 100 Ω,
VS = ±7.5 V
f − Frequency − MHz
2nd HARMONIC DISTORTION
vs
FREQUENCY
G = 5, RF = 619 Ω
G = 2, RF = 768 Ω
G = 1, RF = 1.2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com