Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 6Page - Texas Instruments THS3201D Datasheet HTML 7Page - Texas Instruments THS3201D Datasheet HTML 8Page - Texas Instruments THS3201D Datasheet HTML 9Page - Texas Instruments THS3201D Datasheet HTML 10Page - Texas Instruments THS3201D Datasheet HTML 11Page - Texas Instruments THS3201D Datasheet HTML 12Page - Texas Instruments THS3201D Datasheet HTML 13Page - Texas Instruments THS3201D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
10
Figure 18
6
7
8
9
10
11
12
13
14
0
50
100 150
200 250
300 350 400
NOISE FIGURE
vs
FREQUENCY
f − Frequency − MHz
Gain = +10
RG = 28 Ω
RF = 255 Ω
VS = ±7.5 V & ±5 V
Figure 19
0
20
40
60
80
100
120
VS = ±5 and ±7.5V
f − Frequency − Hz
100 k
10 M
1 G
100 M
1 M
TRANSIMPEDANCE
vs
FREQUENCY
_
+
Gain
W +
V
O
I
IB
10
Ω
_
+
Figure 20
0
0.5
1
1.5
2
2.5
3
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
INPUT OFFSET VOLTAGE
vs
CASE TEMPERATURE
VS = ±5 V
VS = ±7.5 V
Figure 21
10
11
12
13
14
15
16
17
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
0
1
2
3
4
5
6
7
TC − Case Temperature − °C
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
IOS
IIB−
IIB+
VS = ±7.5 V
Figure 22
0
1000
2000
3000
4000
5000
6000
7000
8000
0
0.5 1
1.5
2
2.5 3
3.5 4
4.5 5
VO − Output Voltage − VPP
SLEW RATE
vs
OUTPUT VOLTAGE
Gain = 1
RL = 100 Ω
RF = 1.2 kΩ
VS = ±7.5 V
Fall
Rise
Figure 23
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
012
34567
89
10
VO − Output Voltage − VPP
SLEW RATE
vs
OUTPUT VOLTAGE
Gain = 2
RL = 100 Ω
RF = 768 Ω
VS = ±7.5 V
Fall
Rise
Figure 24
−1.5
−1
−0.5
0
0.5
1
1.5
02
4
6
8
10
Gain = −2
RL = 100 Ω
RF = 576 Ω
f= 1 MHz
VS = ±7.5 V
Rising Edge
Falling Edge
t − Time − ns
SETTLING TIME
Figure 25
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
2.5
7.5
12.5
t − Time − ns
SETTLING TIME
Rising Edge
Gain = −2
RL = 100 Ω
RF = 576 Ω
f= 1 MHz
VS = ±7.5 V
Falling Edge
510
Figure 26
0
2
4
6
8
10
12
14
16
18
20
2 2.5
3 3.5
4 4.5
5 5.5
6 6.5
7 7.5
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com