Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 10Page - Texas Instruments THS3201D Datasheet HTML 11Page - Texas Instruments THS3201D Datasheet HTML 12Page - Texas Instruments THS3201D Datasheet HTML 13Page - Texas Instruments THS3201D Datasheet HTML 14Page - Texas Instruments THS3201D Datasheet HTML 15Page - Texas Instruments THS3201D Datasheet HTML 16Page - Texas Instruments THS3201D Datasheet HTML 17Page - Texas Instruments THS3201D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
14
APPLICATION INFORMATION
WIDEBAND, NONINVERTING OPERATION
The
THS3201
is
a
unity
gain
stable
1.8-GHz
current-feedback operational amplifiers, designed to
operate from a
±3.3-V to ±7.5-V power supply.
Figure 50 shows the THS3201 in a noninverting gain of
2V/V
configuration typically used to generate the
performance
curves.
Most
of
the
curves
were
characterized using signal sources with 50-
Ω source
impedance, and with measurement equipment presenting
a 50-
Ω load impedance. The 49.9-Ω shunt resistor at the
VI terminal in Figure 50 matches the source impedance of
the test generator.
_
+
THS3201
RF
768
Ω
49.9
Ω
100 pF
0.1
µF
6.8
µF
−VS
−7.5 V
RG
50
Ω Source
+
VI
100 pF
0.1
µF
6.8
µF
+
+VS
7.5 V
50
Ω
768
Ω
49.9
Ω
Figure 50. Wideband, Noninverting Gain
Configuration
Unlike voltage-feedback amplifiers, current-feedback
amplifiers are highly dependent on the feedback resistor
RF for maximum performance and stability. Table 1 shows
the optimal gain setting resistors RF and RG at different
gains to give maximum bandwidth with minimal peaking in
the frequency response. Higher bandwidths can be
achieved, at the expense of added peaking in the
frequency response, by using even lower values for RF.
Conversely, increasing RF decreases the bandwidth, but
stability is improved.
Table 1. Recommended Resistor Values for
Optimum Frequency Response
THS3201 RF for AC When Rload = 100 Ω
Gain
(V/V)
Supply Voltage
(V)
RG (Ω)
RF (Ω)
1
±7.5
—
1.2 k
1
±5
—
1.2 k
2
±7.5
768
768
2
±5
715
715
5
±7.5
154.9
619
5
±5
143
576
10
±7.5
54.9
487
10
±5
51.1
464
−1
±7.5
619
619
−1
±5
576
576
−2
±7.5 and ±5
287
576
−5
±7.5 and ±5
110
549
−10
±7.5 and ±5
49.9
499
WIDEBAND, INVERTING GAIN OPERATION
Figure 51 shows the THS3201 is a typical inverting gain
configuration where the input and output impedances and
signal gain from Figure 50 are retained in an inverting
circuit configuration.
_
+
THS3201
RG
287
Ω
100 pF
0.1
µF
6.8
µF
−VS
−7.5 V
50
Ω Source
+
VI
100 pF
0.1
µF
6.8
µF
+
+VS
7.5 V
RF
576
Ω
RM
60.4
Ω
50
Ω
49.9
Ω
Figure 51. Wideband, Inverting Gain
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com