Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201D Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 14Page - Texas Instruments THS3201D Datasheet HTML 15Page - Texas Instruments THS3201D Datasheet HTML 16Page - Texas Instruments THS3201D Datasheet HTML 17Page - Texas Instruments THS3201D Datasheet HTML 18Page - Texas Instruments THS3201D Datasheet HTML 19Page - Texas Instruments THS3201D Datasheet HTML 20Page - Texas Instruments THS3201D Datasheet HTML 21Page - Texas Instruments THS3201D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
18
PRINTED-CIRCUIT BOARD LAYOUT
TECHNIQUES FOR OPTIMAL
PERFORMANCE
Achieving optimum performance with
high frequency
amplifier-like devices in the THS3201 requires careful
attention to board layout parasitic and external component
types.
Recommendations that optimize performance include:
D Minimize parasitic capacitance to any ac ground for all
of the signal I/O pins. Parasitic capacitance on the
output and input pins can cause instability. To reduce
unwanted capacitance, a window around the signal
I/O pins should be opened in all of the ground and
power planes around those pins. Otherwise, ground
and power planes should be unbroken elsewhere on
the board.
D Minimize the distance (< 0.25”) from the power supply
pins to high frequency 0.1-
µF and 100 pF decoupling
capacitors. At the device pins, the ground and power
plane layout should not be in close proximity to the
signal I/O pins. Avoid narrow power and ground traces
to minimize inductance between the pins and the
decoupling capacitors. The power supply connections
should always be decoupled with these capacitors.
Larger (6.8
µF or more) tantalum decoupling
capacitors, effective at lower frequency, should also
be used on the main supply pins. These may be
placed somewhat farther from the device and may be
shared among several devices in the same area of the
PC board.
The primary goal is to minimize the
impedance seen in the differential-current return
paths. For driving differential loads with the THS3201,
adding a capacitor between the power supply pins
improves 2nd order harmonic distortion performance.
This also minimizes the current loop formed by the
differential drive.
D Careful selection and placement of external
components
preserve
the
high
frequency
performance of the THS3201. Resistors should be a
very low reactance type. Surface-mount resistors
work best and allow a tighter overall layout. Again,
keep their leads and PC board trace length as short as
possible. Never use wirebound type resistors in a high
frequency application. Since the output pin and
inverting input pins are the most sensitive to parasitic
capacitance, always position the feedback and series
output resistors, if any, as close as possible to the
inverting input pins and output pins. Other network
components, such as input termination resistors,
should be placed close to the gain-setting resistors.
Even with a low parasitic capacitance shunting the
external resistors, excessively high resistor values
can create significant time constants that can degrade
performance. Good axial metal-film or surface-mount
resistors have approximately 0.2 pF in shunt with the
resistor. For resistor values > 2.0 k
Ω, this parasitic
capacitance can add a pole and/or a zero that can
effect circuit operation. Keep resistor values as low as
possible, consistent with load driving considerations.
D Connections to other wideband devices on the board
may be made with short direct traces or through
onboard transmission lines. For short connections,
consider the trace and the input to the next device as
a lumped capacitive load. Relatively wide traces
(50 mils to 100 mils) should be used, preferably with
ground and power planes opened up around them.
Estimate the total capacitive load and determine if
isolation resistors on the outputs are necessary. Low
parasitic capacitive loads (< 4 pF) may not need an RS
since the THS3201 is nominally compensated to
operate with a 2-pF parasitic load. Higher parasitic
capacitive loads without an RS are allowed as the
signal gain increases (increasing the unloaded phase
margin). If a long trace is required, and the 6-dB signal
loss intrinsic to a doubly-terminated transmission line
is acceptable, implement a matched impedance
transmission line
using
microstrip
or
stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques).
A 50-
Ω environment is not necessary onboard, and in
fact, a higher impedance environment improves
distortion as shown in the distortion versus load plots.
With a characteristic board trace impedance based on
board material and trace dimensions, a matching
series resistor into the trace from the output of the
THS3201 is used as well as a terminating shunt
resistor at the input of the destination device.
Remember also that the terminating impedance is the
parallel combination of the shunt resistor and the input
impedance of the destination device: this total
effective impedance should be set to match the trace
impedance. If the 6-dB attenuation of a doubly
terminated transmission line is unacceptable, a long
trace can be series-terminated at the source end only.
Treat the trace as a capacitive load in this case. This
does not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the
destination device is low, there is some signal
attenuation due to the voltage divider formed by the
series output into the terminating impedance.
D Socketing a high speed part like the THS3201 is not
recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can
create an extremely troublesome parasitic network
which can make it almost impossible to achieve a
smooth, stable frequency response. Best results are
obtained by soldering the THS3201 parts directly onto
the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com